Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40U6T Datasheet(PDF) 65 Page - STMicroelectronics

No. de pieza UPSD3313D-40U6T
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40U6T Datasheet(HTML) 65 Page - STMicroelectronics

Back Button UPSD3313D-40U6T Datasheet HTML 61Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 62Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 63Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 64Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 65Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 66Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 67Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 68Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 231 page
background image
65/231
uPSD33xx
SUPERVISORY FUNCTIONS
Supervisory circuitry on the MCU Module will issue
an internal reset signal to the MCU Module and si-
multaneously to the PSD Module as a result of any
of the following four events:
The external RESET_IN pin is asserted
The Low Voltage Detect (LVD) circuitry has
detected a voltage on VCC below a specific
threshold (power-on or voltage sags)
The JTAG Debug interface has issued a reset
command
The Watch Dog Timer (WDT) has timed out
The resulting internal reset signal, MCU_RESET,
will force the 8032 into a known reset state while
asserted, and then 8032 program execution will
jump to the reset vector at program address 0000h
just after MCU_RESET is deasserted. The MCU
Module will also assert an active low internal reset
signal, RESET, to the PSD Module. If needed, the
signal RESET can be driven out to external sys-
tem components through any PLD output pin on
the
PSD
Module.
When
driving
this
“RESET_OUT” signal from a PLD output, the user
can choose to make it either active-high or active-
low logic, depending on the PLD equation.
External Reset Input Pin, RESET_IN
The RESET_IN pin can be connected directly to a
mechanical reset switch or other device which
pulls the signal to ground to invoke a reset.
RESET_IN is pulled up internally and enters a
Schmitt trigger input buffer with a voltage hystere-
sis of VRST_HYS for immunity to the effects of slow
signal rise and fall times, as shown in Figure 20.
RESET_IN is also filtered to reject a voltage spike
less than a duration of tRST_FIL. The RESET_IN
signal must be maintained at a logic '0' for at least
a duration of tRST_LO_IN while the oscillator is run-
ning. The resulting MCU_RESET signal will last
only as long as the RESET_IN signal is active (it is
not stretched). Refer to the Supervisor AC specifi-
cations in Table 150., page 221 at the end of this
document for these parameter values.
Figure 20. Supervisor Reset Generation
Q
S
MCU
Clock
Sync
Noise Filter
VCC
PIN
PULL-UP
DELAY,
tRST_ACTV
R
AI09603
RESET_IN
RESET
to PSD Module
MCU_RESET
to MCU and
Peripherals
LVD
JTAG Debug
WDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com