Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40T6 Datasheet(PDF) 45 Page - STMicroelectronics

No. de pieza UPSD3313D-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40T6 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UPSD3313D-40T6 Datasheet HTML 41Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 42Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 43Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 44Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 45Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 46Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 47Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 48Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 231 page
background image
45/231
uPSD33xx
Table 20. IPA: Interrupt Priority Addition register (SFR B7h, reset value 00h)
Note: 1. 1 = Assigns high priority level, 0 = Assigns low priority level
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PADC
PSPI
PPCA
PS1
PI2C
Details
Bit
Symbol
R/W
Function
7(1)
PADC
R,W
ADC Interrupt priority level
6(1)
PSPI
R,W
SPI Interrupt priority level
5(1)
PPCA
R,W
PCA Interrupt level
4(1)
PS1
R,W
UART1 Interrupt priority level
3––
Reserved
2––
Reserved
1(1)
PI2C
R,W
I2C Interrupt priority level
0––
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com