Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40T6 Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza UPSD3313D-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40T6 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UPSD3313D-40T6 Datasheet HTML 28Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 29Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 30Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 31Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 32Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 33Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 34Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 35Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 231 page
background image
uPSD33xx
32/231
uPSD33xx INSTRUCTION SET SUMMARY
Tables 6 through 11 list all of the instructions sup-
ported by the uPSD33xx, including the number of
bytes and number of machine cycles required to
implement each instruction. This is the standard
8051 instruction set.
The meaning of “machine cycles” is how many
8032 MCU core machine cycles are required to
execute the instruction. The “native” duration of all
machine cycles is set by the memory wait state
settings in the SFR, BUSCON, and the MCU clock
divider selections in the SFR, CCON0 (i.e. a ma-
chine cycle is typically set to 4 MCU clocks for a 5V
uPSD33xx). However, an individual machine cycle
may grow in duration when either of two things
happen:
1.
a stall is imposed while loading the 8032 Pre-
Fetch Queue (PFQ); or
2.
the occurrence of a cache miss in the Branch
Cache (BC) during a branch in program
execution flow.
See
8032
MCU
CORE
PERFORMANCE
ENHANCEMENTS, page 17 or more details.
But generally speaking, during typical program ex-
ecution, the PFQ is not empty and the BC has no
misses, producing very good performance without
extending the duration of any machine cycles.
The uPSD33xx Programmers Guide describes
each instruction operation in detail.
Table 6. Arithmetic Instruction Set
Note: 1. All mnemonics copyrighted ©Intel Corporation 1980.
Mnemonic(1)
and Use
Description
Length/Cycles
ADD
A, Rn
Add register to ACC
1 byte/1 cycle
ADD
A, Direct
Add direct byte to ACC
2 byte/1 cycle
ADD
A, @Ri
Add indirect SRAM to ACC
1 byte/1 cycle
ADD
A, #data
Add immediate data to ACC
2 byte/1 cycle
ADDC
A, Rn
Add register to ACC with carry
1 byte/1 cycle
ADDC
A, direct
Add direct byte to ACC with carry
2 byte/1 cycle
ADDC
A, @Ri
Add indirect SRAM to ACC with carry
1 byte/1 cycle
ADDC
A, #data
Add immediate data to ACC with carry
2 byte/1 cycle
SUBB
A, Rn
Subtract register from ACC with borrow
1 byte/1 cycle
SUBB
A, direct
Subtract direct byte from ACC with borrow
2 byte/1 cycle
SUBB
A, @Ri
Subtract indirect SRAM from ACC with borrow
1 byte/1 cycle
SUBB
A, #data
Subtract immediate data from ACC with borrow
2 byte/1 cycle
INC
A
Increment A
1 byte/1 cycle
INC
Rn
Increment register
1 byte/1 cycle
INC
direct
Increment direct byte
2 byte/1 cycle
INC
@Ri
Increment indirect SRAM
1 byte/1 cycle
DEC
A
Decrement ACC
1 byte/1 cycle
DEC
Rn
Decrement register
1 byte/1 cycle
DEC
direct
Decrement direct byte
2 byte/1 cycle
DEC
@Ri
Decrement indirect SRAM
1 byte/1 cycle
INC
DPTR
Increment Data Pointer
1 byte/2 cycle
MUL
AB
Multiply ACC and B
1 byte/4 cycle
DIV
AB
Divide ACC by B
1 byte/4 cycle
DA
A
Decimal adjust ACC
1 byte/1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com