Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40T6 Datasheet(PDF) 95 Page - STMicroelectronics

No. de pieza UPSD3313D-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40T6 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button UPSD3313D-40T6 Datasheet HTML 91Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 92Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 93Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 94Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 95Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 96Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 97Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 98Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 231 page
background image
95/231
uPSD33xx
I2C INTERFACE
uPSD33xx devices support one serial I2C inter-
face. This is a two-wire communication channel,
having a bi-directional data signal (SDA, pin P3.6)
and a clock signal (SCL, pin P3.7) based on open-
drain line drivers, requiring external pull-up resis-
tors, RP, each with a typical value of 4.7kΩ (see
Figure 38).
I2C Interface Main Features
Byte-wide data is transferred, MSB first, between
a Master device and a Slave device on two wires.
More than one bus Master is allowed, but only one
Master may control the bus at any given time. Data
is not lost when another Master requests the use
of a busy bus because I2C supports collision de-
tection and arbitration. The bus Master initiates all
data movement and generates the clock that per-
mits the transfer. Once a transfer is initiated by the
Master, any device addressed is considered a
Slave. Automatic clock synchronization allows I2C
devices with different bit rates to communicate on
the same physical bus. A single device can play
the role of Master or Slave, or a single device can
be a Slave only. Each Slave device on the bus has
a unique address, and a general broadcast ad-
dress is also available. A Master or Slave device
has the ability to suspend data transfers if the de-
vice needs more time to transmit or receive data.
This I2C interface has the following features:
Serial I/O Engine (SIOE): serial/parallel
conversion; bus arbitration; clock generation
and synchronization; and handshaking are all
performed in hardware
Interrupt or Polled operation
Multi-master capability
7-bit Addressing
Supports standard speed I2C (SCL up to
100kHz), fast mode I2C (101KHz to 400kHz),
and high-speed mode I2C (401KHz to
833kHz)
Figure 38. Typical I2C Bus Configuration
Note: 1. For 3.3V system, connect RP to 3.3V VCC. For 5.0V system, connect RP to 5.0V VDD.
I2C BUS
SDA
SCL
RP
RP
VCC or VDD
(1)
Device with I2C
Interface
Device with I2C
Interface
SDA/P3.6
SCL/P3.7
uPSD33XX(V)
Device with I2C
Interface
AI09623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com