Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40T6 Datasheet(PDF) 93 Page - STMicroelectronics

No. de pieza UPSD3313D-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40T6 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button UPSD3313D-40T6 Datasheet HTML 89Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 90Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 91Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 92Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 93Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 94Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 95Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 96Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 231 page
background image
93/231
uPSD33xx
The UART1 serial channel can operate in one of
four
different
modes
as
shown
in
Table
44., page 81
in
the
section, SERIAL
UART
INTERFACES, page 81. However, when UART1
is used for IrDA communication, UART1 must op-
erate in Mode 1 only, to be compatible with IrDA
protocol up to 115.2k bps. The IrDA interface will
support baud rates generated from Timer 1 or Tim-
er 2, just like standard UART serial communica-
tion, but with one restriction. The transmit baud
rate and receive baud rate must be the same (can-
not be different rates as is allowed by standard
UART communications).
The IrDA Interface is disabled after a reset and is
enabled by setting the IRDAEN Bit in the SFR
named IRDACON (Table 48., page 93). When
IrDA is disabled, the UART1's RxD and TxD sig-
nals will bypass the internal IrDA logic and instead
they are routed directly to the pins RxD1 and TxD1
respectively. When IrDA is enabled, the IrDA pulse
shaping logic is active and resides between
UART1 and the pins RxD1 and TxD1 as shown in
Figure 36., page 92.
Table 48. IRDACON Register Bit Definition (SFR CEh, Reset Value 0Fh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IRDAEN
PULSE
CDIV4
CDIV3
CDIV2
CDIV1
CDIV0
Details
Bit
Symbol
R/W
Definition
7
Reserved
6
IRDAEN
RW
IrDA Enable
0 = IrDA Interface is disabled
1 = IrDA is enabled, UART1 outputs are disconnected from Port 1 (or
Port 4)
5PULSE
RW
IrDA Pulse Modulation Select
0 = 1.627µs
1 = 3/16 bit time pulses
4-0
CDIV[4:0]
RW
Specify Clock Divider (see Table 49., page 94)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com