Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40T6 Datasheet(PDF) 97 Page - STMicroelectronics

No. de pieza UPSD3313D-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40T6 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button UPSD3313D-40T6 Datasheet HTML 93Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 94Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 95Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 96Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 97Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 98Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 99Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 100Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 231 page
background image
97/231
uPSD33xx
An Acknowlegde bit is generated from a
Master or a Slave by driving SDA low during
the “ninth” bit time, just following each 8-bit
byte that is transfered on the bus (Figure
39., page 97). A Non-Acknowledge occurs
when SDA is asserted high during the ninth bit
time. All byte transfers on the I2C bus include
a 9th bit time reserved for an Acknowlege
(ACK) or Non-Acknowledge (NACK).
An additional Master device that desires to
control the bus should wait until the bus is not
busy before generating a START condition so
that a possible Slave operation is not
interrupted.
If two Master devices both try to generate a
START condition simultaneously, the Master
who looses arbitration will switch immediately
to Slave mode so it can recoginize it’s own
Slave address should it appear on the bus.
Figure 39. Data Transfer on an I2C Bus
MSB
7-bit Slave
Address
READ/WRITE
Indicator
Acknowledge
bits from
receiver
Start
Condition
Clock can be held low
to stall transfer.
Repeated if more
data bytes are
transferred.
Repeated
Start
Condition
Stop
Condition
12
7
8
9
3-6
1
2
9
3-8
MSB
ACK
ACK
NACK
R/W
AI09625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com