Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40T6 Datasheet(PDF) 44 Page - STMicroelectronics

No. de pieza UPSD3313D-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40T6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UPSD3313D-40T6 Datasheet HTML 40Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 41Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 42Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 43Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 44Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 45Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 46Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 47Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 231 page
background image
uPSD33xx
44/231
Table 18. IEA: Interrupt Enable Addition Register (SFR A7h, reset value 00h)
Note: 1. 1 = Enable Interrupt, 0 = Disable Interrupt
Table 19. IP: Interrupt Priority Register (SFR B8h, reset value 00h)
Note: 1. 1 = Assigns high priority level, 0 = Assigns low priority level
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EADC
ESPI
EPCA
ES1
EI2C
Details
Bit
Symbol
R/W
Function
7(1)
EADC
R,W
Enable ADC Interrupt
6(1)
ESPI
R,W
Enable SPI Interrupt
5(1)
EPCA
R,W
Enable Programmable Counter Array Interrupt
4(1)
ES1
R,W
Enable UART1 Interrupt
3
Reserved, do not set to logic '1.'
2
Reserved, do not set to logic '1.'
1(1)
EI2C
R,W
Enable I2C Interrupt
0
Reserved, do not set to logic '1.'
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PT2
PS0
PT1
PX1
PT0
PX0
Details
Bit
Symbol
R/W
Function
7––
Reserved
6––
Reserved
5(1)
PT2
R,W
Timer 2 Interrupt priority level
4(1)
PS0
R,W
UART0 Interrupt priority level
3(1)
PT1
R,W
Timer 1 Interrupt priority level
2(1)
PX1
R,W
External Interrupt INT1 priority level
1(1)
PT0
R,W
Timer 0 Interrupt priority level
0(1)
PX0
R,W
External Interrupt INT0 priority level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com