Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40T6 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza UPSD3313D-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40T6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UPSD3313D-40T6 Datasheet HTML 6Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 7Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 8Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 9Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 10Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 11Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 12Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 13Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 231 page
background image
uPSD33xx
10/231
Table 2. Pin Definitions
Port Pin
Signal
Name
80-Pin
No.
52-Pin
No.(1)
In/Out
Function
Basic
Alternate 1
Alternate 2
MCUAD0
AD0
36
N/A
I/O
External Bus
Multiplexed Address/
Data bus A0/D0
MCUAD1
AD1
37
N/A
I/O
Multiplexed Address/
Data bus A1/D1
MCUAD2
AD2
38
N/A
I/O
Multiplexed Address/
Data bus A2/D2
MCUAD3
AD3
39
N/A
I/O
Multiplexed Address/
Data bus A3/D3
MCUAD4
AD4
41
N/A
I/O
Multiplexed Address/
Data bus A4/D4
MCUAD5
AD5
43
N/A
I/O
Multiplexed Address/
Data bus A5/D5
MCUAD6
AD6
45
N/A
I/O
Multiplexed Address/
Data bus A6/D6
MCUAD7
AD7
47
N/A
I/O
Multiplexed Address/
Data bus A7/D7
MCUA8
A8
51
N/A
O
External Bus, Addr
A8
MCUA9
A9
53
N/A
O
External Bus, Addr
A9
MCUA10
A10
55
N/A
O
External Bus, Addr
A10
MCUA11
A11
57
N/A
O
External Bus, Addr
A11
P1.0
T2
ADC0
52
34
I/O
General I/O port pin
Timer 2 Count input
(T2)
ADC Channel 0
input (ADC0)
P1.1
T2X
ADC1
54
35
I/O
General I/O port pin
Timer 2 Trigger input
(T2X)
ADC Channel 1
input (ADC1)
P1.2
RxD1
ADC2
56
36
I/O
General I/O port pin
UART1 or IrDA
Receive (RxD1)
ADC Channel 2
input (ADC2)
P1.3
TXD1
ADC3
58
37
I/O
General I/O port pin
UART or IrDA
Transmit (TxD1)
ADC Channel 3
input (ADC3)
P1.4
SPICLK
ADC4
59
38
I/O
General I/O port pin
SPI Clock Out
(SPICLK)
ADC Channel 4
input (ADC4)
P1.5
SPIRxD
ADC6
60
39
I/O
General I/O port pin
SPI Receive
(SPIRxD)
ADC Channel 5
input (ADC5)
P1.6
SPITXD
ADC6
61
40
I/O
General I/O port pin
SPI Transmit
(SPITxD)
ADC Channel 6
input (ADC6)
P1.7
SPISEL
ADC7
64
41
I/O
General I/O port pin
SPI Slave Select
(SPISEL)
ADC Channel 7
input (ADC7)
P3.0
RxD0
75
23
I/O
General I/O port pin
UART0 Receive
(RxD0)
P3.1
TXD0
77
24
I/O
General I/O port pin
UART0 Transmit
(TxD0)
P3.2
EXINT0
TGO
79
25
I/O
General I/O port pin
Interrupt 0 input
(EXTINT0)/Timer 0
gate control (TG0)
P3.3
INT1
2
26
I/O
General I/O port pin
Interrupt 1 input
(EXTINT1)/Timer 1
gate control (TG1)
P3.4
C0
40
27
I/O
General I/O port pin
Counter 0 input (C0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com