Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40T6 Datasheet(PDF) 92 Page - STMicroelectronics

No. de pieza UPSD3313D-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40T6 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button UPSD3313D-40T6 Datasheet HTML 88Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 89Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 90Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 91Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 92Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 93Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 94Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 95Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 231 page
background image
uPSD33xx
92/231
IrDA INTERFACE
uPSD33xx devices provide an internal IrDA inter-
face that will allow the connection of the UART1
serial interface directly to an external infrared
transceiver device. The IrDA interface does this by
automatically shortening the pulses transmitted on
UART1’s TxD1 pin, and stretching the incoming
pulses received on the RxD1 pin. Reference Fig-
ures 36 and 37.
When the IrDA interface is enabled, the output sig-
nal from UART1’s transmitter logic on pin TxD1 is
compliant with the IrDA Physical Layer Link Spec-
ification v1.4 (www.irda.org) operating from 1.2k
bps up to 115.2k bps. The pulses received on the
RxD1 pin are stretched by the IrDA interface to be
recognized by UART1’s receiver logic, also adher-
ing to the IrDA specification up to 115.2k bps.
Note: In Figure 37 a logic '0' in the serial data
stream of a UART Frame corresponds to a logic
high pulse in an IR Frame. A logic '1' in a UART
Frame corresponds to no pulse in an IR Frame.
Figure 36. IrDA Interface
Figure 37. Pulse Shaping by the IrDA Interface
UART1
IrDA
Interface
TxD
RxD
uPSD33XX
IrDA
Transceiver
TxD1-IrDA
RxD1-IrDA
SIRClk
AI07851
Start
Bit
01
0
1
1
1
1
00
0
Stop
Bit
UART Frame
Data Bits
Bit Time
Pulse Width = 3/16 Bit Time
Start
Bit
01
0
1
1
1
1
00
0
Stop
Bit
UART Frame
IR Frame
IR Frame
Data Bits
AI09624



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com