Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40T6 Datasheet(PDF) 25 Page - STMicroelectronics

No. de pieza UPSD3313D-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40T6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UPSD3313D-40T6 Datasheet HTML 21Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 22Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 23Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 24Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 25Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 26Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 27Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 28Page - STMicroelectronics UPSD3313D-40T6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 231 page
background image
25/231
uPSD33xx
94
ADCPS
ADCCE
ADCPS[2:0]
00
Table
64., page
122
95
ADAT0
ADATA[7:0]
00
Table
65., page
122
96
ADAT1
ADATA[9:8]
00
Table
66., page
122
97
ACON
AINTF
AINTEN
ADEN
ADS[2:0]
ADST
ADSF
00
Table
63., page
121
98(1)
SCON0
SM0
<9Fh>
SM1
<9Eh>
SM2
<9Dh>
REN
<9Ch>
TB8
<9Bh>
RB8
<9Ah>
TI
<99h>
RI
<9h8>
00
Table
45., page
82
99
SBUF0
SBUF0[7:0]
00
Figure
25., page
79
9A
RESERVED
9B
RESERVED
9C
RESERVED
9D
BUSCON
EPFQ
EBC
WRW1
WRW0
RDW1
RDW0
CW1
CW0
EB
Table
35., page
63
9E
RESERVED
9F
RESERVED
A0
RESERVED
A1
RESERVED
A2
PCACL0
PCACL0[7:0]
00
Table
67., page
124
A3
PCACH0
PCACH0[7:0]
00
Table
67., page
124
A4
PCACON0 EN_ALL EN_PCA
EOVF1
PCA_IDL
CLK_SEL[1:0]
00
Table
70., page
129
A5
PCASTA
OVF1
INTF5
INTF4
INTF3
OVF0
INTF2
INTF1
INTF0
00
Table
72., page
131
A6
WDTRST
WDTRST[7:0]
00
Table
38., page
68
A7
IEA
EADC
ESPI
EPCA
ES1
EI2C
00
Table
18., page
44
SFR
Addr
(hex)
SFR
Name
Bit Name and <Bit Address>
Reset
Value
(hex)
Reg.
Descr.
with Link
76
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com