Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M58PR256J Datasheet(PDF) 88 Page - STMicroelectronics

No. de pieza M58PR256J
Descripción Electrónicos  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 88 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 84Page - STMicroelectronics M58PR256J Datasheet HTML 85Page - STMicroelectronics M58PR256J Datasheet HTML 86Page - STMicroelectronics M58PR256J Datasheet HTML 87Page - STMicroelectronics M58PR256J Datasheet HTML 88Page - STMicroelectronics M58PR256J Datasheet HTML 89Page - STMicroelectronics M58PR256J Datasheet HTML 90Page - STMicroelectronics M58PR256J Datasheet HTML 91Page - STMicroelectronics M58PR256J Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 114 page
background image
Common Flash Interface
M58PR256J, M58PR512J
88/114
Appendix B
Common Flash Interface
The Common Flash Interface is a JEDEC approved, standardized data structure that can be
read from the Flash memory device. It allows a system software to query the device to
determine various electrical and timing parameters, density information and functions
supported by the memory. The system can interface easily with the device, enabling the
software to upgrade itself when necessary.
When the Read CFI Query Command is issued the device enters CFI Query mode and the
data structure is read from the memory. Tables 39, 40, 41, 42, 43, 44, 45, 46, 47, 48 and 49
show the addresses used to retrieve the data. The Query data is always presented on the
lowest order data outputs (DQ0-DQ7), the other outputs (DQ8-DQ15) are set to 0.
The CFI data structure also contains a security area where a 64 bit unique security number
is written (see Figure 4: Protection Register memory map). This area can be accessed only
in Read mode by the final user. It is impossible to change the security number after it has
been written by ST. Issue a Read Array command to return to Read mode.
Table 39.
Query structure overview(1)
1.
The Flash memory display the CFI data structure when CFI Query command is issued. In this table are
listed the main sub-sections detailed in Tables 40, 41, 42 and 43. Query data is always presented on the
lowest order data outputs.
Offset
Sub-section Name
Description
000h
Reserved
Reserved for algorithm-specific information
010h
CFI Query Identification String
Command set ID and algorithm data offset
01Bh
System Interface Information
Device timing & voltage information
027h
Device Geometry Definition
Flash device layout
P
Primary Algorithm-specific Extended
Query table
Additional information specific to the Primary
Algorithm (optional)
A
Alternate Algorithm-specific Extended
Query table
Additional information specific to the Alternate
Algorithm (optional)
080h
Security Code Area
Lock Protection Register
Unique device Number and
User Programmable OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com