Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7715 Datasheet(PDF) 31 Page - Analog Devices

No. de pieza AD7715
Descripción Electrónicos  16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7715_15 Datasheet HTML 27Page - Analog Devices AD7715_15 Datasheet HTML 28Page - Analog Devices AD7715_15 Datasheet HTML 29Page - Analog Devices AD7715_15 Datasheet HTML 30Page - Analog Devices AD7715_15 Datasheet HTML 31Page - Analog Devices AD7715_15 Datasheet HTML 32Page - Analog Devices AD7715_15 Datasheet HTML 33Page - Analog Devices AD7715_15 Datasheet HTML 34Page - Analog Devices AD7715_15 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
AD7715
Rev. D | Page 31 of 40
CONFIGURING THE AD7715
The AD7715 contains three on-chip registers which the user
accesses via the serial interface. Communication with any of
these registers is initiated by writing to the communications
register first. Figure 10 outlines a flow chart of the sequence
which is used to configure all registers after a power-up or reset.
The flowchart also shows two different read options—the first
where the DRDY pin is polled to determine when an update of
the data register has taken place, the second where the DRDY
bit of the communications register is interrogated to see if a
data register update has taken place. Also included in the
flowing diagram is a series of words which should be written
to the registers for a particular set of operating conditions.
These conditions are gain of 1, no filter sync, bipolar mode,
buffer off, clock of 2.4576 MHz, and an output rate of 60 Hz.
START
CONFIGURE AND INITIALIZE
MICROCONTROLLER/MICROPROCESSOR SERIAL PORT
POWER-ON/RESET FOR AD7715
WRITE TO COMMUNICATIONS REGISTER SETTING UP
GAIN AND SETTING UP NEXT OPERATION TO BE A
WRITE TO THE SETUP REGISTER (10 HEX)
WRITE TO SETUP REGISTER SETTING UP REQUIRED
VALUES AND INITIATING A SELF CALIBRATION (68 HEX)
POLL DRDY PIN
DRDY
LOW?
YES
NO
WRITE TO COMMUNICATIONS REGISTER SETTING UP
SAME GAIN AND SETTING UP NEXT OPERATION TO
BE A READ FROM THE DATA REGISTER (38 HEX)
READ FROM DATA REGISTER
POLL DRDY BIT OF COMMUNICATIONS REGISTER
YES
NO
WRITE TO COMMUNICATIONS REGISTER SETTING UP
SAME GAIN AND SETTING UP NEXT OPERATION TO BE
A READ FROM THE DATA REGISTER (38 HEX)
WRITE TO COMMUNICATIONS REGISTER SETTING UP SAME
GAIN AND SETTING UP NEXT OPERATION TO BE A READ FROM
THE COMMUNICATIONS REGISTER (08 HEX)
READ FROM COMMUNICATIONS REGISTER
READ FROM DATA REGISTER
DRDY
LOW?
Figure 10. Flow Chart for Setting Up and Reading from the AD7715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com