Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7715 Datasheet(PDF) 40 Page - Analog Devices

No. de pieza AD7715
Descripción Electrónicos  16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7715_15 Datasheet HTML 32Page - Analog Devices AD7715_15 Datasheet HTML 33Page - Analog Devices AD7715_15 Datasheet HTML 34Page - Analog Devices AD7715_15 Datasheet HTML 35Page - Analog Devices AD7715_15 Datasheet HTML 36Page - Analog Devices AD7715_15 Datasheet HTML 37Page - Analog Devices AD7715_15 Datasheet HTML 38Page - Analog Devices AD7715_15 Datasheet HTML 39Page - Analog Devices AD7715_15 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
AD7715
Rev. D | Page 40 of 40
16
9
8
1
PIN 1
SEATING
PLANE
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 20. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model
AVDD Supply
Temperature Range
Package Description
Package Option
AD7715AN-5
5 V
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
AD7715ANZ-51
5 V
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
AD7715AR-5
5 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715AR-5REEL
5 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARZ-51
5 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARZ-5REEL1
5 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARU-5
5 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ARU-5REEL
5 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ARU-5REEL7
5 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ARUZ-51
5 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ARUZ-5REEL71
5 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ACHIPS-5
5 V
−40°C to +85°C
Die
AD7715AN-3
3 V
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
AD7715ANZ-31
3 V
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
AD7715AR-3
3 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715AR-3REEL
3 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARZ-31
3 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARZ-3REEL1
3 V
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
AD7715ARU-3
3 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ARU-3REEL
3 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ARU-3REEL7
3 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ARUZ-31
3 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ARUZ-3REEL71
3 V
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7715ACHIPS-3
3 V
−40°C to +85°C
Die
EVAL-AD7715-3EBZ1
3 V
Evaluation Board
1 Z = RoHS Compliant Part.
©2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08519-0-12/09(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com