Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7715 Datasheet(PDF) 27 Page - Analog Devices

No. de pieza AD7715
Descripción Electrónicos  16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7715_15 Datasheet HTML 23Page - Analog Devices AD7715_15 Datasheet HTML 24Page - Analog Devices AD7715_15 Datasheet HTML 25Page - Analog Devices AD7715_15 Datasheet HTML 26Page - Analog Devices AD7715_15 Datasheet HTML 27Page - Analog Devices AD7715_15 Datasheet HTML 28Page - Analog Devices AD7715_15 Datasheet HTML 29Page - Analog Devices AD7715_15 Datasheet HTML 30Page - Analog Devices AD7715_15 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AD7715
Rev. D | Page 27 of 40
Because the FSYNC bit resets the digital filter, the full settling
time of 3 × 1/output rate must elapse before there is a new word
loaded to the output register on the part. If the DRDY signal is
low when FSYNC goes to a 0, the DRDY signal will not be reset
high by the FSYNC command. This is because the AD7715
recognizes that there is a word in the data register that has not
been read. The DRDY line stays low until an update of the data
register takes place at which time it goes high for 500 × tCLK IN
before returning low again. A read from the data register resets
the DRDY signal high, and it does not return low until the
settling time of the filter has elapsed (from the FSYNC command)
and there is a valid new word in the data register. If the DRDY
line is high when the FSYNC command is issued, the DRDY
line will not return low until the settling time of the filter has
elapsed.
RESET INPUT
The RESET input on the AD7715 resets all the logic, the digital
filter, and the analog modulator while all on-chip registers are
reset to their default state. DRDY is driven high and the AD7715
ignores all communications to any of its registers while the
RESET input is low. When the RESET input returns high, the
AD7715 starts to process data, and DRDY returns low in 3 ×
1/output rate indicating a valid new word in the data register.
However, the AD7715 operates with its default setup conditions
after a reset and it is generally necessary to set up all registers
and carry out a calibration after a reset command.
The on-chip oscillator circuit of the AD7715 continues to func-
tion even when the RESET input is low. The master clock signal
continues to be available on the MCLK OUT pin. Therefore, in
applications where the system clock is provided by the clock of the
AD7715, the AD7715 produces an uninterrupted master clock
during RESET commands.
STANDBY MODE
The STBY bit in the communications register of the AD7715
allows the user to place the part in a power-down mode when it
is not required to provide conversion results. The AD7715 retains
the contents of all its on-chip registers (including the data register)
while in standby mode. When released from standby mode, the
part starts to process data and a new word is available in the
data register in 3 × 1/output rate from when a 0 is written to
the STBY bit.
The STBY bit does not affect the digital interface, and it does
not affect the status of the DRDY line. If DRDY is high when the
STBY bit is brought low, it will remain high until there is a valid
new word in the data register. If DRDY is low when the STBY
bit is brought low, it will remain low until the data register is
updated at which time the DRDY line returns high for 500 ×
tCLK IN before returning low again. If DRDY is low when the part
enters its standby mode (indicating a valid unread word in the
data register), the data register can be read while the part is in
standby. At the end of this read operation, the DRDY line will
be reset high as normal.
Placing the part in standby mode reduces the total current to
5 μA typical when the part is operated from an external master
clock provided this master clock is stopped. If the external clock
continues to run in standby mode, the standby current increases to
150 μA typical with 5 V supplies and 75 μA typical with 3.3 V
supplies. If a crystal or ceramic resonator is used as the clock
source, then the total current in standby mode is 400 μA typical
with 5 V supplies and 90 μA with 3.3 V supplies. This is because
the on-chip oscillator circuit continues to run when the part is
in its standby mode. This is important in applications where the
system clock is provided by the clock of the AD7715, so that the
AD7715 produces an uninterrupted master clock even when it
is in its standby mode.
ACCURACY
Σ-Δ ADCs, like VFCs and other integrating ADCs, do not
contain any source of nonmonotonicity and inherently offer
no missing codes performance. The AD7715 achieves excellent
linearity by the use of high quality, on-chip capacitors, which
have a very low capacitance/voltage coefficient. The device also
achieves low input drift through the use of chopper-stabilized
techniques in its input stage. To ensure excellent performance
over time and temperature, the AD7715 uses digital calibration
techniques which minimize offset and gain error.
DRIFT CONSIDERATIONS
The AD7715 uses chopper stabilization techniques to minimize
input offset drift. Charge injection in the analog switches and dc
leakage currents at the sampling node are the primary sources
of offset voltage drift in the converter. The dc input leakage
current is essentially independent of the selected gain. Gain
drift within the converter depends primarily upon the temperature
tracking of the internal capacitors. It is not affected by leakage
currents.
Measurement errors due to offset drift or gain drift can be
eliminated at any time by recalibrating the converter. Using
the system calibration mode can also minimize offset and
gain errors in the signal conditioning circuitry. Integral and
differential linearity errors are not significantly affected by
temperature changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com