Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7715 Datasheet(PDF) 24 Page - Analog Devices

No. de pieza AD7715
Descripción Electrónicos  16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7715_15 Datasheet HTML 20Page - Analog Devices AD7715_15 Datasheet HTML 21Page - Analog Devices AD7715_15 Datasheet HTML 22Page - Analog Devices AD7715_15 Datasheet HTML 23Page - Analog Devices AD7715_15 Datasheet HTML 24Page - Analog Devices AD7715_15 Datasheet HTML 25Page - Analog Devices AD7715_15 Datasheet HTML 26Page - Analog Devices AD7715_15 Datasheet HTML 27Page - Analog Devices AD7715_15 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD7715
Rev. D | Page 24 of 40
System Calibration
System calibration allows the AD7715 to compensate for system
gain and offset errors as well as its own internal errors. System
calibration performs the same slope factor calculations as self
calibration but uses voltage values presented by the system to
the AIN inputs for the zero- and full-scale points. full system
calibration requires a two step process, a zero-scale system
calibration followed by a full-scale system calibration.
For a full system calibration, the zero-scale point must be
presented to the converter first. It must be applied to the
converter before the calibration step is initiated and remain
stable until the step is complete. Once the system zero scale
voltage has been set up, a zero-scale system calibration is then
initiated by writing the appropriate values (1, 0) to the MD1
and MD0 bits of the setup register. The zero-scale system
calibration is performed at the selected gain. The duration of
the calibration is 3 × 1/output rate. At this time, the MD1 and
MD0 bits in the setup register return to 0, 0. This gives the
earliest indication that the calibration sequence is complete. The
DRDY line goes high when calibration is initiated and does not
return low until there is a valid new word in the data register.
The duration time from the calibration command being issued
to DRDY going low is 4 × 1/output rate as the part performs a
normal conversion on the AIN voltage before DRDY goes low.
If DRDY is low before (or goes low during) the calibration
command write to the setup register, it may take up to one
modulator cycle (MCLK IN/128) before DRDY goes high to
indicate that calibration is in progress. Therefore, DRDY should
be ignored for up to one modulator cycle after the last bit is
written to the setup register in the calibration command.
After the zero-scale point is calibrated, the full-scale point is
applied to AIN and the second step of the calibration process is
initiated by again writing the appropriate values (1, 1) to MD1
and MD0. Again, the full-scale voltage must be set up before the
calibration is initiated and it must remain stable throughout the
calibration step. The full-scale system calibration is performed
at the selected gain. The duration of the calibration is 3 × 1/output
rate. At this time, the MD1 and MD0 bits in the setup register
return to 0, 0. This gives the earliest indication that the calibration
sequence is complete. The DRDY line goes high when calibration is
initiated and does not return low until there is a valid new word
in the data register. The duration time from the calibration
command being issued to DRDY going low is 4 × 1/output rate
as the part performs a normal conversion on the AIN voltage
before DRDY goes low. If DRDY is low before (or goes low
during) the calibration command, write to the setup register, it
may take up to one modulator cycle (MCLK IN/128) before
DRDY goes high to indicate that calibration is in progress.
Therefore, DRDY should be ignored for up to one modulator
cycle after the last bit is written to the setup register in the
calibration command.
In the unipolar mode, the system calibration is performed
between the two endpoints of the transfer function. In the
bipolar mode, it is performed between midscale (zero differential
voltage) and positive full scale.
The fact that the system calibration is a two-step calibration
offers another feature. After the sequence of a full system cali-
bration has been completed, additional offset or gain calibrations
can be performed by themselves to adjust the system zero
reference point or the system gain. Calibrating one of the
parameters, either system offset or system gain, does not
affect the other parameter.
System calibration can also be used to remove any errors from
source impedances on the analog input when the part is used in
unbuffered mode. A simple R, C antialiasing filter on the front
end may introduce a gain error on the analog input voltage but
the system calibration can be used to remove this error.
Span and Offset Limits
Whenever a system calibration mode is used, there are limits
on the amount of offset and span which can be accommodated.
The overriding requirement in determining the amount of
offset and gain that can be accommodated by the part is the
requirement that the positive full-scale calibration limit is
≤ 1.05 × VREF/GAIN. This allows the input range to go 5%
above the nominal range. The in-built headroom in the
analog modulator of the AD7715 ensures that the part still
operates correctly with a positive full-scale voltage which is
5% beyond the nominal.
The range of input span in both the unipolar and bipolar modes
has a minimum value of 0.8 × VREF/GAIN and a maximum value
of 2.1 × VREF/GAIN. However, the span (which is the difference
between the bottom of the AD7715’s input range and the top
of its input range) must take into account the limitation on the
positive full-scale voltage. The amount of offset that can be
accommodated depends on whether the unipolar or bipolar
mode is being used. Once again, the offset must take into account
the limitation on the positive full-scale voltage. In unipolar
mode, there is considerable flexibility in handling negative
(with respect to AIN(−)) offsets. In both unipolar and bipolar
modes, the range of positive offsets which can be handled by the
part depends on the selected span. Therefore, in determining the
limits for system zero-scale and full-scale calibrations, the user
has to ensure that the offset range plus the span range does exceed
1.05 × VREF/GAIN. This is best illustrated by looking at the
following examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com