Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7715 Datasheet(PDF) 37 Page - Analog Devices

No. de pieza AD7715
Descripción Electrónicos  16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7715_15 Datasheet HTML 32Page - Analog Devices AD7715_15 Datasheet HTML 33Page - Analog Devices AD7715_15 Datasheet HTML 34Page - Analog Devices AD7715_15 Datasheet HTML 35Page - Analog Devices AD7715_15 Datasheet HTML 36Page - Analog Devices AD7715_15 Datasheet HTML 37Page - Analog Devices AD7715_15 Datasheet HTML 38Page - Analog Devices AD7715_15 Datasheet HTML 39Page - Analog Devices AD7715_15 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AD7715
Rev. D | Page 37 of 40
TEMPERATURE MEASUREMENT
Another application area for the AD7715 is in temperature
measurement. Figure 15 outlines a connection from a thermo-
couple to the AD7715. In this application, the AD7715 is operated
in its buffered mode to allow large decoupling capacitors on the
front end to eliminate any noise pickup that there may have
been in the thermocouple leads. When the AD7715 is operated
in buffered mode, it has a reduced common-mode range. To place
the differential voltage from the thermocouple on a suitable
common-mode voltage, the AIN(−) input of the AD7715 is
biased up at the reference voltage, 2.5 V.
Figure 16 shows another temperature measurement application
for the AD7715. In this case, the transducer is an resistive tem-
perature device (RTD), a PT100. The arrangement is a 4-lead
RTD configuration. There are voltage drops across the lead
resistances RL1 and RL4, but these simply shift the common-
mode voltage. There is no voltage drop across lead resistances
RL2 and RL3 as the input current to the AD7715 is very low. The
lead resistances present a small source impedance so it would
not generally be necessary to turn on the buffer on the AD7715.
If the buffer is required, the common-mode voltage should be
set accordingly by inserting a small resistance between the bottom
end of the RTD and AGND of the AD7715. In the application
shown in Figure 16, an external 400 μA current source provides
the excitation current for the PT100 and it also generates the
reference voltage for the AD7715 via the 6.25 kΩ resistor. Varia-
tions in the excitation current do not affect the circuit as both the
input voltage and the reference voltage vary ratiometrically with
the excitation current. However, the 6.25 kΩ resistor must have
a low temperature coefficient to avoid errors in the reference
voltage over temperature.
SERIAL INTERFACE
MCLK IN
MCLK OUT
REF IN(+)
REF IN(–)
AGND
DGND
DOUT
DIN
SCLK
AD7715
AIN(+)
AIN(–)
A = 1 TO 128
PGA
BUFFER
CLOCK
GENERATION
GND
VOUT
REF192
THERMOCOUPLE
JUNCTION
+5V
+VIN
R
R
CC
AUTO-ZEROED
Σ-∆
MODULATOR
CHARGE BALANCING ADC
DIGITAL
FILTER
AVDD
REGISTER BANK
CS
DRDY
RESET
DVDD
5V
Figure 15. Thermocouple Measurement Using the AD7715
SERIAL INTERFACE
MCLK IN
MCLK OUT
DOUT
DIN
SCLK
AD7715
A = 1 TO 128
PGA
BUFFER
CLOCK
GENERATION
AUTO-ZEROED
Σ-∆
MODULATOR
CHARGE BALANCING ADC
DIGITAL
FILTER
AVDD
REGISTER BANK
CS
DRDY
RESET
DVDD
+5V
400µA
RL4
RL3
RL2
RL1
RTD
6.25k
REF IN(+)
REF IN(–)
AGND
DGND
AIN(+)
AIN(–)
Figure 16. RTD Measurement Using the AD7715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com