Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7715 Datasheet(PDF) 18 Page - Analog Devices

No. de pieza AD7715
Descripción Electrónicos  16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7715_15 Datasheet HTML 14Page - Analog Devices AD7715_15 Datasheet HTML 15Page - Analog Devices AD7715_15 Datasheet HTML 16Page - Analog Devices AD7715_15 Datasheet HTML 17Page - Analog Devices AD7715_15 Datasheet HTML 18Page - Analog Devices AD7715_15 Datasheet HTML 19Page - Analog Devices AD7715_15 Datasheet HTML 20Page - Analog Devices AD7715_15 Datasheet HTML 21Page - Analog Devices AD7715_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AD7715
Rev. D | Page 18 of 40
CALIBRATION SEQUENCES
The AD7715 contains a number of calibration options as
outlined in Table 13. Table 23 summarizes the calibration types,
the operations involved and the duration of the operations.
There are two methods of determining the end of calibration.
The first is to monitor when DRDY returns low at the end of
the sequence. DRDY not only indicates when the sequence is
complete but also that the part has a valid new sample in its
data register. This valid new sample is the result of a normal
conversion which follows the calibration sequence. The second
method of determining when calibration is complete is to
monitor the MD1 and MD0 bits of the setup register. When
these bits return to 0, 0 following a calibration command, it
indicates that the calibration sequence is complete. This method
does not give any indication of there being a valid new result in
the data register. However, it gives an earlier indication than
DRDY that calibration is complete. The duration to when the
mode bits (MD1 and MD0) return to 0, 0 represents the
duration of the calibration carried out. The sequence to when
DRDY goes low also includes a normal conversion and a
pipeline delay, tP, to correctly scale the results of this first
conversion. tP will never exceed 2000 × tCLK IN. The time for both
methods is given in
.
Table 23
Table 23. Calibration Sequences
Calibration Type
MD1, MD0
Calibration Sequence
Duration to Mode Bits
Duration to DRDY
Self Calibration
0, 1
Internal ZS Cal @ Selected Gain +
6 × 1/Output Rate
9 ×1/Output Rate + tP
Internal FS Cal @ Selected Gain
ZS System Calibration
1, 0
ZS Cal on AIN @ Selected Gain
3 × 1/Output Rate
4 × 1/Output Rate + tP
FS System Calibration
1, 1
FS Cal on AIN @ Selected Gain
3 × 1/Output Rate
4 × 1/Output Rate + tP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com