Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7715 Datasheet(PDF) 29 Page - Analog Devices

No. de pieza AD7715
Descripción Electrónicos  16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7715_15 Datasheet HTML 25Page - Analog Devices AD7715_15 Datasheet HTML 26Page - Analog Devices AD7715_15 Datasheet HTML 27Page - Analog Devices AD7715_15 Datasheet HTML 28Page - Analog Devices AD7715_15 Datasheet HTML 29Page - Analog Devices AD7715_15 Datasheet HTML 30Page - Analog Devices AD7715_15 Datasheet HTML 31Page - Analog Devices AD7715_15 Datasheet HTML 32Page - Analog Devices AD7715_15 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AD7715
Rev. D | Page 29 of 40
Evaluating the AD7715 Performance
The recommended layout for the AD7715 is outlined in the
evaluation board for the AD7715. The evaluation board
package includes a fully assembled and tested evaluation board,
documentation, software for controlling the board over the USB
port of a PC and software for analyzing the performance of the
AD7715 on the PC. The evaluation board model number is
EVAL-AD7715-3EBZ .
Noise levels in the signals applied to the AD7715 may also affect
performance of the part. The AD7715 software evaluation
package allows the user to evaluate the true performance of the
part, independent of the analog input signal. The scheme
involves using a test mode on the part where the differential
inputs to the AD7715 are internally shorted together to provide
a zero differential voltage for the analog modulator. External to
the device, connect the AIN(−) input to a voltage which is
within the allowable common-mode range of the part. This
scheme should be used after a calibration has been performed
on the part.
DIGITAL INTERFACE
The programmable functions of the AD7715 are controlled
using a set of on-chip registers as outlined previously. Data is
written to these registers via the serial interface of the part and
read access to the on-chip registers is also provided by this
interface. All communications to the part must start with a
write operation to the communications register. After power-on
or RESET, the device expects a write to its communications
register. The data written to this register determines whether
the next operation to the part is a read or a write operation and
also determines to which register this read or write operation
occurs. Therefore, write access to any of the other registers on
the part starts with a write operation to the communications
register followed by a write to the selected register. A read
operation from any other register on the part (including the
output data register) starts with a write operation to the
communications register followed by a read operation from the
selected register.
The serial interface of the AD7715 consists of five signals, CS,
SCLK, DIN, DOUT, and DRDY. The DIN line is used for
transferring data into the on-chip registers while the DOUT
line is used for accessing data from the on-chip registers. SCLK
is the serial clock input for the device and all data transfers
(either on DIN or DOUT) take place with respect to this SCLK
signal. The DRDY line is used as a status signal to indicate when
data is ready to be read from the data register of the AD7715.
DRDY goes low when a new data word is available in the output
register. It is reset high when a read operation from the data
register is complete. It also goes high prior to the updating of
the output register to indicate when not to read from the device
to ensure that a data read is not attempted while the register is
being updated. CS is used to select the device. It can be used to
decode the AD7715 in systems where a number of parts are
connected to the serial bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com