Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7715 Datasheet(PDF) 34 Page - Analog Devices

No. de pieza AD7715
Descripción Electrónicos  16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7715_15 Datasheet HTML 30Page - Analog Devices AD7715_15 Datasheet HTML 31Page - Analog Devices AD7715_15 Datasheet HTML 32Page - Analog Devices AD7715_15 Datasheet HTML 33Page - Analog Devices AD7715_15 Datasheet HTML 34Page - Analog Devices AD7715_15 Datasheet HTML 35Page - Analog Devices AD7715_15 Datasheet HTML 36Page - Analog Devices AD7715_15 Datasheet HTML 37Page - Analog Devices AD7715_15 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD7715
Rev. D | Page 34 of 40
CODE FOR SETTING UP THE AD7715
The C Code for Interfacing AD7715 to 68HC11 section gives
a set of read and write routines in C code for interfacing the
68HC11 microcontroller to the AD7715. The sample program
sets up the various registers on the AD7715 and reads 1000
samples from the part into the 68HC11. The setup conditions
on the part are exactly the same as those outlined for the
flowchart of Figure 10. In the example code given here, the
DRDY output is polled to determine if a new valid word is
available in the data register.
The sequence of the events in this program are as follows:
1.
Write to the communications register, setting the gain to 1
with standby inactive.
2.
Write to the setup register, setting bipolar mode, buffer
off, no filter synchronization, confirming a clock frequency
of 2.4576 MHz, setting the output rate for 60 Hz and
initiating a self-calibration.
3.
Poll the DRDY output.
4.
Read the data from the data register.
5.
Loop around doing Step 3 and Step 4 until the specified
number of samples have been taken.
C CODE FOR INTERFACING AD7715 TO 68HC11
/* This program has read and write routines for the 68HC11 to interface to the AD7715 and the sample
program sets the various registers and then reads 1000 samples from the part. */
#include <math.h>
#include <io6811.h>
#define NUM_SAMPLES 1000 /* change the number of data samples */
#define MAX_REG_LENGTH 2 /* this says that the max length of a register is 2 bytes */
Writetoreg (int);
Read (int,char);
char *datapointer = store;
char store[NUM_SAMPLES*MAX_REG_LENGTH + 30];
void main()
{
/* the only pin that is programmed here from the 68HC11 is the /CS and this is why the PC2 bit
of PORTC is made as an output */
char a;
DDRC = 0x04; /* PC2 is an output the rest of the port bits are inputs */
PORTC | = 0x04; /* make the /CS line high */
Writetoreg(0x10); /* set the gain to 1, standby off and set the next operation as write to the setup
register */
Writetoreg(0x68); /* set bipolar mode, buffer off, no filter sync, confirm clock as 2.4576MHz, set
output rate to 60Hz and do a self calibration */
while(PORTC & 0x10); /* wait for /DRDY to go low */
for(a=0;a<NUM_SAMPLES;a++);
{
Writetoreg(0x38); /*set the next operation for 16 bit read from the data register */
Read(NUM_SAMPLES,2);
}
}
Writetoreg(int byteword);
{
int q;
SPCR = 0x3f;
SPCR = 0X7f; /* this sets the WiredOR mode(DWOM=1), Master mode(MSTR=1), SCK idles high(CPOL=1), /SS
can be low always (CPHA=1), lowest clock speed(slowest speed which is master clock /32 */
DDRD = 0x18; /* SCK, MOSI outputs */
q = SPSR;
q = SPDR; /* the read of the staus register and of the data register is needed to clear the interrupt
which tells the user that the data transfer is complete */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com