Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313 Datasheet(PDF) 29 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313 Datasheet(HTML) 29 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313 Datasheet HTML 25Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 26Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 27Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 28Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 29Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 30Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 31Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
29
9
封装,运输,储存和烘烤信息
9.1
封装
AXP313A
封装为QFN3mm*3mm,20-pin。图9-1为AXP313A的封装。
图 9-1 封装信息
图 9-2AXP313A丝印图
表 9-1AXP313A丝印信息
No.
Marking
Description
Fixed/Dynamic
1
AXP313A
Product name
Fixed
2
LLLLLAA
Lot number
Dynamic
3
XXX1
Date code
Dynamic
4
X-POWERS logo
Fixed
5
White dot
Package pin 1
Fixed
9.2
运输
图 9-3AXP313A卷带尺寸图
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com