Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313 Datasheet(PDF) 24 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313 Datasheet(HTML) 24 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313 Datasheet HTML 20Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 21Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 22Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 23Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 24Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 25Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 26Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 27Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 28Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
24
4
DLDO1
过流关机功能设置
0
:关闭 1:打开
RW
1
3
DCDC3
欠压关机功能设置
0
:关闭 1:打开
RW
1
2
DCDC2
欠压关机功能设置
0
:关闭 1:打开
RW
1
1
DCDC1
欠压关机功能设置
0
:关闭 1:打开
RW
1
0
DCDC
过压关机功能设置
0
:关闭 1:打开
RW
1
6.7.2.13 REG 1EH
:POK参数设置寄存器
默认值:80H
复位:Poweronreset
Bit
描述
R/W
默认值
7
保留
RW
1
6-2
保留
RW
0
1
OFFLEVEL
设置
0
:6s
1
:10s
RW
0
0
IRQLEVEL
设置
0
:1.5s
1
:2.5s
RW
0
6.7.2.14 REG 20H
:IRQ控制寄存器
默认值:31H
复位:Systemreset
Bit
描述
R/W
默认值
7
PWRON
上升沿IRQ使能
RW
0
6
PWRON
下降沿IRQ使能
RW
0
5
PWRON
短按IRQ使能
RW
1
4
PWRON
长按IRQ使能
RW
1
3
DCDC3
欠压IRQ使能
RW
0
2
DCDC2
欠压IRQ使能
RW
0
1
保留
RW
0
0
芯片内部过温IRQ使能
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com