Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313 Datasheet(PDF) 12 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313 Datasheet(HTML) 12 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313 Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
12
DLDO1
VDLDO1
Output Voltage Range
IDLDO1=1mA
0.5
3.5
V
VDLDO1_STEP
Output Voltage Step
100
mV/
step
VDLDO1_ACC
Output Voltage Accuracy
VDLDO1<1V
±30
mV
VDLDO1>1V
±3%
IDLDO1
Output Current
500
mA
PSRR
Power Supply Rejection
Ratio
Vin=3.7V,
IDLDO1=100mA, 1kHz
30
dB
eN
Output Noise,0-80kHz
Vout=1.8V
55
μVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com