Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313 Datasheet(PDF) 7 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313 Datasheet(HTML) 7 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 5Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 6Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 7Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
7
4
管脚配置和功能
图 4-1PinMap
表 4-1 管脚描述
管脚
I/O(1)
描述
序号
名称
1
DCDC2
I
DCDC2
反馈信号
2
VIN3
PI
DCDC3
电源输入,外接输入电容
3
LX3
PO
DCDC3
开关节点,外接电感
4
DCDC3
I
DCDC3
反馈信号
5
SDA
IO
TWSI
数据
6
SCL
IO
TWSI
时钟输入
7
RTCLDO
PO
可定制为常开LDO,用于给RTC模块供电
8
VREF
AIO
内部参考电压,外接1uF电容。
9
GND
GND
芯片模拟地
10
NC
/
浮空即可
11
IRQ
IO
中断指示/开机/唤醒
12
DLDO1
PO
DLDO1
输出,外接输出电容
13
PWROK
IO
芯片开关机状态指示
14
PWRON
I
开机键,一般外接按键
15
ALDO1
PO
ALDO1
输出,外接输出电容



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com