Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313 Datasheet(PDF) 10 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313 Datasheet(HTML) 10 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313 Datasheet HTML 6Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 7Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
10
5.4
热阻参数
表 5-4 热阻参数
Thermal Metric(1)
VALUE
UNIT
θJA
Junction-to-ambient thermal resistance
32.6
℃/W
θJB
Junction-to-board thermal resistance
6.82
θJC
Junction-to-case(top) thermal resistance
12.32
(1)Thermal metrics are calculated refer to JEDEC document JESD51. The values are based on simulation.
5.5
电气参数
VIN =5V
,TA=-40℃~85℃
表 5-5 电气参数
SYMBOL
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
PMIC Under Voltage
VOFF
PMIC Under Voltage Power
off
2.6
V
Off Mode Current
IOFF
OFF Mode Current
VIN=5V
10
μA
TWSI
VCC
Input Supply Voltage
1.8
3.3
V
ADDRESS
TWSI Slave Address (7 bits)
0x36/
0x37
fSCK
Clock Operating Frequency
0.4
MHz
VIL
SCK/SDA Logic Low Voltage
0.3VC
C
V
VIH
SCK/SDA Logic Low Voltage
0.7VCC
MHz
DCDC
fOSC
Oscillator Frequency
Default
3
MHz
DCDC1
VIN1
VIN1 Input Voltage
VOFF
5.5
V
IDC1OUT
Available Output Current
1500
mA
VDC1OUT
Output Voltage Range
0.5
3.4
V
VDC1_STEP
Output Voltage Step
VDC1OUT=0.5~1.2V
10
mV/
step
VDC1OUT=1.22~1.54V
20
VDC1OUT=1.6~3.4V
100
VDC1_ACC
Output Voltage Accuracy
PWM
Mode,VDC1OUT<1V
±30
mV
PWM
Mode,VDC1OUT>1V
±3%
VDC1_OVP
Over Voltage Protection
120%*
VDC1OUT
V
VDC1_UVP
Under Voltage Protection
85%*
VDC1OUT
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com