Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313 Datasheet(PDF) 21 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313 Datasheet(HTML) 21 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313 Datasheet HTML 17Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 18Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 19Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 20Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 21Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 22Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 23Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 24Page - Shenzhen X-Powers Technology Co ., Ltd AXP313 Datasheet HTML 25Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
21
1
:固定PWM
1
DCDC-2 PFM/PWM
控制
0
:自动切换
1
:固定PWM
RW
0
0
DCDC-1 PFM/PWM
控制
0
:自动切换
1
:固定PWM
RW
0
6.7.2.4 REG 13H
:DCDC1电压设置寄存器
默认值:XXH
复位:systemreset
Bit
描述
R/W
默认值
7
保留
RW
0
6-0
DCDC1
电压设置bit6-0:
0.5~1.2V
,10mV/step,71steps
1.22~1.54V
,20mV/step,17steps
1.6~3.4V, 100mV/step, 19 step
RW
定制
6.7.2.5 REG 14H
:DCDC2电压设置寄存器
默认值:XXH
复位:systemreset
Bit
描述
R/W
默认值
7
保留
RW
0
6-0
DCDC-2
电压设置 bit6-0:
0.5~1.2V
,10mV/step,71steps
1.22~1.54V
,20mV/step,17steps
RW
定制
6.7.2.6 REG 15H
:DCDC3电压设置寄存器
默认值:XXH
复位:systemreset
Bit
描述
R/W
默认值
7
保留
RW
0
6-0
DCDC-3
电压设置 bit6-0:
0.5~1.2V
,10mV/step,71steps
1.22~1.84V
,20mV/step,32steps
RW
定制



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com