Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1G66-Q100 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC1G66-Q100
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66-Q100 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC1G66-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74HC1G66-Q100; 74HCT1G66-Q100 is a single-pole, single-throw analog switch
with two input/output terminals (nY and nZ) and a digital enable input (nE). When nE is
LOW, the analog switch is turned off. Inputs include clamp diodes that enable the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Wide supply voltage range from 2.0 V to 10.0 V for the 74HC1G66-Q100
Very low ON resistance:
45
 (typ.) at V
CC =4.5 V
30
 (typ.) at V
CC =6.0 V
25
 (typ.) at V
CC =9.0 V
High noise immunity
Low power dissipation
Multiple package options
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pf, R = 0
)
3.
Ordering information
74HC1G66-Q100;
74HCT1G66-Q100
Single-pole single-throw analog switch
Rev. 1 — 16 September 2013
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC1G66GW-Q100
40 C to +125 C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74HCT1G66GW-Q100
74HC1G66GV-Q100
40 C to +125 C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74HCT1G66GV-Q100


Número de pieza similar - 74HC1G66-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC1G66GV PHILIPS-74HC1G66GV Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74HC1G66GV NXP-74HC1G66GV Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
More results

Descripción similar - 74HC1G66-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com