Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1G66-Q100 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC1G66-Q100
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66-Q100 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HC1G66-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT1G66_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 16 September 2013
3 of 19
Nexperia
74HC1G66-Q100; 74HCT1G66-Q100
Single-pole single-throw analog switch
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 and SC-74A packages: above 87.5
C the value of P
tot derates linearly with 4.0 mW/K.
9.
Recommended operating conditions
[1]
To avoid drawing VCC current from pin Z, when switch current flows in pin Y, the voltage drop across the bidirectional switch must not
exceed 0.4 V. If the switch current flows into pin Z, no VCC current flows from terminal Y. In this case, the voltage drop across the switch
is unlimited, but the voltage at pins Y and Z may not exceed VCC or GND.
Table 4.
Function table[1]
Input E
Switch
LOFF
HON
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+11.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC + 0.5 V
[1] -
20
mA
ISK
switch clamping current
VI < 0.5 V or VI >VCC + 0.5 V
[1] -
20
mA
ISW
switch current
VSW > 0.5 V or VSW < VCC + 0.5 V
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[2] -
250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).[1]
Symbol
Parameter
Conditions
74HC1G66-Q100
74HCT1G66-Q100
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
10.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VSW
switch voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C
t/V
input transition rise
and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
VCC = 10.0 V
-
-
35
-
-
-
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com