Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1G66-Q100 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC1G66-Q100
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66-Q100 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HC1G66-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT1G66_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 16 September 2013
6 of 19
Nexperia
74HC1G66-Q100; 74HCT1G66-Q100
Single-pole single-throw analog switch
10.2 ON resistance
[1]
At supply voltages approaching 2 V, the ON resistance becomes extremely non-linear. Therefore it is recommended that these devices
be used to transmit digital signals only, when using this supply voltage.
[2]
Typical values are measured at Tamb = 25 C.
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graph see Figure 7.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[2]
Max
Min
Max
74HC1G66-Q100[1]
RON(peak) ON resistance
(peak)
VI =GND to VCC; see Figure 6
ISW = 0.1 mA; VCC =2.0 V
-
-
-
-
-
ISW =1mA; VCC = 4.5 V
-
42
118
-
142
ISW =1mA; VCC = 6.0 V
-
31
105
-
126
ISW =1mA; VCC = 9.0 V
-
23
88
-
105
RON(rail)
ON resistance (rail)
VI = GND; see Figure 6
ISW = 0.1 mA; VCC =2.0 V
-
75
-
-
-
ISW =1mA; VCC = 4.5 V
-
29
95
-
115
ISW =1mA; VCC = 6.0 V
-
23
82
-
100
ISW =1mA; VCC = 9.0 V
-
18
70
-
80
VI =VCC; see Figure 6
ISW = 0.1 mA; VCC =2.0 V
-
75
-
-
-
ISW =1mA; VCC = 4.5 V
-
35
106
-
128
ISW =1mA; VCC = 6.0 V
-
27
94
-
113
ISW =1mA; VCC = 9.0 V
-
21
78
-
95
74HCT1G66-Q100
RON(peak) ON resistance
(peak)
VI =GND to VCC; see Figure 6
ISW =1mA; VCC = 4.5 V
-
42
118
-
142
RON(rail)
ON resistance (rail)
VI = GND; see Figure 6
ISW =1mA; VCC = 4.5 V
-
29
95
-
115
VI =VCC; see Figure 6
ISW =1mA; VCC = 4.5 V
-
35
106
-
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com