Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCAHC1G66-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCAHC1G66-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza 74AHCAHC1G66-Q100
Descarga  74AHCAHC1G66-Q100 Descarga
Tamaño del archivo   262.69 Kbytes
Page   16 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Single-pole single-throw analog switch

74AHCAHC1G66-Q100 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74AHCAHC1G66-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza 74AHCAHC1G66-Q100
Descarga  74AHCAHC1G66-Q100 Click to download

Tamaño del archivo   262.69 Kbytes
Page   16 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos Single-pole single-throw analog switch

74AHCAHC1G66-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHCAHC1G66-Q100 Detalles de producto

1. General description
The 74AHC1G66-Q100; 74AHCT1G66-Q100 is a single-pole, single-throw analog switch with two
input/output terminals (nY and nZ) and a digital enable input (nE). When nE is LOW, the analog
switch is turned off. The enable input is overvoltage tolerant. This feature allows the use of these
devices as translators in mixed voltage environments.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Very low ON resistance:
• 26 Ω (typ.) at VCC = 3.0 V
• 16 Ω (typ.) at VCC = 4.5 V
• 14 Ω (typ.) at VCC = 5.5 V
• Wide supply voltage range from 2.0 to 5.5 V
• Overvoltage tolerant control input to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• SOT353-1 and SOT753 package options
• ESD protection:
• MIL-STD-883, method 3015 exceeds 2000 V
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)




Número de pieza similar - 74AHCAHC1G66-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AHCAHC1G00Q100 NEXPERIA-74AHCAHC1G00Q100 Datasheet
210Kb / 11P
2-input NAND gate
Rev. 4 - 10 January 2022
74AHCAHC1G02Q100 NEXPERIA-74AHCAHC1G02Q100 Datasheet
209Kb / 11P
2-input NOR gate
Rev. 2 - 11 January 2022
74AHCAHC1G04Q100 NEXPERIA-74AHCAHC1G04Q100 Datasheet
209Kb / 11P
Inverter
Rev. 3 - 11 January 2022
74AHCAHC1G08Q100 NEXPERIA-74AHCAHC1G08Q100 Datasheet
209Kb / 11P
2-input AND gate
Rev. 2 - 11 January 2022
74AHCAHC1G125-Q100 NEXPERIA-74AHCAHC1G125-Q100 Datasheet
235Kb / 13P
Bus buffer/line driver; 3-state
Rev. 4 - 11 January 2022
More results


Descripción similar - 74AHCAHC1G66-Q100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
Single-pole single-throw analog switch
Rev. 04-18 December 2008
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com