Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1G66-Q100 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC1G66-Q100
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66-Q100 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC1G66-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT1G66_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 16 September 2013
7 of 19
Nexperia
74HC1G66-Q100; 74HCT1G66-Q100
Single-pole single-throw analog switch
10.3 ON resistance test circuit and graphs
11. Dynamic characteristics
RON =VSW / ISW.Tamb = 25 C.
Fig 6.
Test circuit for measuring ON resistance
Fig 7.
Typical ON resistance as a function of
input voltage
001aag490
VI
VIH
VCC
GND
nZ
nY
nE
VSW
ISW
04
6
8
10
2
VI (V)
80
40
20
60
0
mna081
RON
(
Ω)
VCC = 4.5 V
6.0 V
9.0 V
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL =50 pF; RL =1 k, unless otherwise specified;
For test circuit, see Figure 10.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
74HC1G66-Q100
tpd
propagation delay Y to Z or Z to Y; RL =  ;
see Figure 8
[2]
VCC = 2.0 V
-
8
75
-
90
ns
VCC = 4.5 V
-
3
15
-
18
ns
VCC = 6.0 V
-
2
13
-
15
ns
VCC = 9.0 V
-
1
10
-
12
ns
ten
enable time
E to Y or Z; see Figure 9
[2]
VCC = 2.0 V
-
50
125
-
150
ns
VCC = 4.5 V
-
16
25
-
30
ns
VCC = 5.0 V; CL =15pF
-
11
-
-
-
ns
VCC = 6.0 V
-
13
21
-
26
ns
VCC = 9.0 V
-
9
16
-
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com