Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1G66-Q100 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC1G66-Q100
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66-Q100 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC1G66-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT1G66_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 16 September 2013
5 of 19
Nexperia
74HC1G66-Q100; 74HCT1G66-Q100
Single-pole single-throw analog switch
[1]
Typical values are measured at Tamb = 25 C.
10.1 Test circuits
74HCT1G66-Q100
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
0.1
1.2
0.8
-
0.8
V
II
input leakage
current
E; VI =VCC or GND; VCC = 5.5 V
-
0.1
1.0
-
1.0
A
IS(OFF)
OFF-state leakage
current
Y or Z; VCC = 5.5 V; see Figure 4
-0.1
1.0
-
1.0
A
IS(ON)
ON-state leakage
current
Y or Z; VCC = 5.5 V; see Figure 5
-0.1
1.0
-
1.0
A
ICC
supply current
E, Y or Z; VI =VCC or GND;
VSW =GND or VCC;
VCC = 4.5 V to 5.5 V
-1
10
-
20
A
I
CC
additional supply
current
VI =VCC  2.1 V; VCC = 4.5 V to 5.5 V;
IO = 0 A
--
500
-
850
A
CI
input capacitance
-
1.5
-
-
-
pF
CS(ON)
ON-state
capacitance
-8-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VI = VCC or GND and VO = GND or VCC.VI = VCC or GND and VO = open circuit.
Fig 4.
Test circuit for measuring OFF-state
leakage current
Fig 5.
Test circuit for measuring ON-state
leakage current
001aag488
IS
VI
VIL
VO
VCC
GND
nY
nZ
nE
001aag489
IS
VI
VIH
VO
VCC
GND
nY
nZ
nE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com