Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1G66-Q100 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC1G66-Q100
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66-Q100 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC1G66-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT1G66_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 16 September 2013
8 of 19
Nexperia
74HC1G66-Q100; 74HCT1G66-Q100
Single-pole single-throw analog switch
[1]
All typical values are measured at Tamb =25 C.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation PD (W).
PD =CPD  VCC2  fi +  ((CL  CSW)  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
CSW = maximum switch capacitance in pF (see Table 7);
VCC = supply voltage in Volt;
 ((C
L  CSW)  VCC
2
 f
o) = sum of outputs.
tdis
disable time
E to Y or Z; see Figure 9
[2]
VCC = 2.0 V
-
27
190
-
225
ns
VCC = 4.5 V
-
16
38
-
45
ns
VCC = 5.0 V; CL =15pF
-
11
-
-
-
ns
VCC = 6.0 V
-
14
33
-
38
ns
VCC = 9.0 V
-
12
16
-
20
ns
CPD
power dissipation
capacitance
VI =GND to VCC
[3]
-9-
-
-
pF
74HCT1G66-Q100
tpd
propagation delay Y to Z or Z to Y; RL =  ;
see Figure 8
[2]
VCC = 4.5 V
-
3
15
-
18
ns
ten
enable time
E to Y or Z; see Figure 9
[2]
VCC = 4.5 V
-
15
30
-
36
ns
VCC = 5.0 V; CL =15pF
-
12
-
-
-
ns
tdis
disable time
E to Y or Z; see Figure 9
[2]
VCC = 4.5 V
-
13
44
-
53
ns
VCC = 5.0 V; CL =15pF
-
12
-
-
-
ns
CPD
power dissipation
capacitance
VI =GND to VCC  1.5 V
[3]
-9-
-
-
pF
Table 9.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL =50 pF; RL =1 k, unless otherwise specified;
For test circuit, see Figure 10.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com