Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1G66-Q100 Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC1G66-Q100
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66-Q100 Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74HC1G66-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT1G66_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 16 September 2013
12 of 19
Nexperia
74HC1G66-Q100; 74HCT1G66-Q100
Single-pole single-throw analog switch
Test conditions: VCC = 4.5 V; GND = 0 V; RL =50 ;RSOURCE =1 k.
Fig 13. Typical
3 dB frequency response
mna083
5
(dB)
−5
10
fi (kHz)
105
106
104
102
103
0
Adjust the switch input voltage for a 0 dBm level (0 dBm = 1 mW into 600
)
Fig 14. Test circuit for measuring isolation (OFF-state)
0.1
µF
2RL
2RL
CL
fi
VIL
VO
VCC
VCC
E
dB
Y/Z
Z/Y
001aai679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com