Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1G66-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC1G66-Q100
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC1G66-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC1G66-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT1G66_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 16 September 2013
2 of 19
Nexperia
74HC1G66-Q100; 74HCT1G66-Q100
Single-pole single-throw analog switch
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Table 2.
Marking codes
Type number
Marking
74HC1G66GW-Q100
HL
74HCT1G66GW-Q100
TL
74HC1G66GV-Q100
H66
74HCT1G66GV-Q100
T66
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aag487
E
ZY
001aah372
E
YZ
Fig 3.
Pin configuration SOT353-1 and SOT753
Table 3.
Pin description
Symbol
Pin
Description
Y
1
independent input or output
Z
2
independent input or output
GND
3
ground (0 V)
E
4
enable input (active HIGH)
VCC
5
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com