Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M29DW128F60NF1F Datasheet(PDF) 47 Page - STMicroelectronics

No. de pieza M29DW128F60NF1F
Descripción Electrónicos  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF1F Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M29DW128F60NF1F Datasheet HTML 43Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 44Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 45Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 46Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 47Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 48Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 49Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 50Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
M29DW128F
7 Status Register
47/93
Table 19.
Status Register Bits
1.
Unspecified data bits should be ignored.
2.
Figure 16 and Figure 17 describe Toggle and Alternative Toggle Bits timing waveforms.
Figure 8.
Data Polling Flowchart
Operation
Address
DQ7
DQ6
DQ5
DQ3
DQ2
DQ1
RB
Program
Bank Address
DQ7
Toggle
0
0
0
Program During Erase
Suspend
Bank Address
DQ7
Toggle
0
0
Write to Buffer and
Program Abort
Bank Address
DQ7
Toggle
0
1
0
Program Error
Bank Address
DQ7
Toggle
1
Hi-Z
Chip Erase
Any Address
0
Toggle
0
1
Toggle
Hi-Z
Block Erase before
timeout
Erasing Block
0
Toggle
0
0
Toggle
0
Non-Erasing Block
0
Toggle
0
0
No Toggle
0
Block Erase
Erasing Block
0
Toggle
0
1
Toggle
Hi-Z
Non-Erasing Block
0
Toggle
0
1
No Toggle
0
Erase Suspend
Erasing Block
1
No Toggle
0
Toggle
Hi-Z
Non-Erasing Block
Data read as normal
Hi-Z
Erase Error
Good Block Address
0
Toggle
1
1
No Toggle
0
Faulty Block Address
0
Toggle
1
1
Toggle
0
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
at VALID ADDRESS
FAIL
PASS
AI07760
DQ7
=
DATA
YES
NO
YES
NO
DQ5 = 1
DQ7
=
DATA
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com