Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M29DW128F60NF1F Datasheet(PDF) 83 Page - STMicroelectronics

No. de pieza M29DW128F60NF1F
Descripción Electrónicos  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF1F Datasheet(HTML) 83 Page - STMicroelectronics

Back Button M29DW128F60NF1F Datasheet HTML 79Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 80Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 81Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 82Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 83Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 84Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 85Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 86Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
M29DW128F
12 Part numbering
83/93
Voltage Block Protection, and to the corresponding flowcharts Figure 23 and Figure 24 for
a detailed explanation of the technique).
Issue a Set Extended Block Protection Bit command to program the Extended Block
Protection Bit to ‘1’ thus preventing the second section of the Extended Block from being
programmed.
Bit DQ6 of the Extended Block Protection Indicator is automatically set to '1' to indicate that the
second section of the Extended Block is Customer Locked.
Once the Extended Block is programmed and protected, the Exit Extended Block command
must be issued to exit the Extended Block mode and return the device to Read mode.
Table 41.
Extended Block Address and Data
Device
Address(1)
1.
See Table 34: Block Addresses and Protection Groups.
Data
x8
x16
Factory Locked
Customer Lockable
M29DW128F
000000h-
00007Fh
000000h-
00003Fh
Random Number, ESN(2),
Security Identification Number
2.
ESN = Electronic Serial Number.
Unavailable
000080h-
0000FFh
000040h-
00007Fh
Unavailable
Determined by
Customer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com