Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M29DW128F60NF1F Datasheet(PDF) 53 Page - STMicroelectronics

No. de pieza M29DW128F60NF1F
Descripción Electrónicos  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF1F Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M29DW128F60NF1F Datasheet HTML 49Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 50Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 51Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 52Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 53Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 54Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 55Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 56Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
M29DW128F
10 DC and AC parameters
53/93
Table 24.
Device Capacitance
Table 25.
DC Characteristics
Symbol
Parameter
Test Condition
Min
Max(1)
1.
Sampled only, not 100% tested.
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤VIN ≤VCC
±1
µ
A
ILO
Output Leakage Current
0V
≤VOUT ≤VCC
±1
µ
A
ICC1
(1)
1.
In Dual operations the Supply Current will be the sum of ICC1(read) and ICC3 (program/erase).
Supply Current (Read)
E = VIL, G = VIH,
f = 6MHz
10
mA
ICC2
Supply Current (Standby)
E = VCC ±0.2V,
RP = VCC ±0.2V
100
µ
A
ICC3
(1)(2)
2.
Sampled only, not 100% tested.
Supply Current (Program/
Erase)
Program/Erase
Controller active
VPP/WP =
VIL or VIH
20
mA
VPP/WP =
VPPH
20
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7VCC
VCC +0.3
V
VPPH
Voltage for VPP/WP Program
Acceleration
VCC = 2.7V ±10%
11.5
12.5
V
IPP
Current for VPP/WP Program
Acceleration
VCC =2.7V ±10%
15
mA
VOL
Output Low Voltage
IOL = 1.8mA
0.45
V
VOH
Output High Voltage
IOH = –100µAVCC –0.4
V
VID
Identification Voltage
11.5
12.5
V
VLKO
Program/Erase Lockout
Supply Voltage
1.8
2.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com