Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M29DW128F60NF1F Datasheet(PDF) 82 Page - STMicroelectronics

No. de pieza M29DW128F60NF1F
Descripción Electrónicos  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF1F Datasheet(HTML) 82 Page - STMicroelectronics

Back Button M29DW128F60NF1F Datasheet HTML 78Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 79Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 80Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 81Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 82Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 83Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 84Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 85Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
12 Part numbering
M29DW128F
82/93
Appendix C Extended Memory Block
The M29DW128F has an extra block, the Extended Block, that can be accessed using a
dedicated command.
This Extended Block is 128 Words in x16 mode and 256 Bytes in x8 mode. It is used as a
security block (to provide a permanent security identification number) or to store additional
information.
The Extended Block is divided into two memory areas of 64 Words each:
The first one is Factory Locked.
The second one is Customer Lockable. It is up to the customer to protect it from program
operations. Its status is indicated by bit DQ6 and DQ7. When DQ7 is set to ‘1’ and DQ6 to
‘0’, it indicates that this second memory area is Customer Lockable. When DQ7 and DQ6
are both set to ‘1’, it indicates that the second part of the Extended Block is Customer
Locked and protected from program operations. Bit DQ7 being permanently locked to
either ‘1’ or ‘0’ is another security feature which ensures that a customer lockable device
cannot be used instead of a factory locked one.
Bits DQ6 and DQ7 are the most significant bits in the Extended Block Protection Indicator and
a specific procedure must be followed to read it. See “Section 3.6.2: Verify Extended Block
Protection Indicator” and Table 5 and Table 8, Block Protection, for details of how to read bit
DQ7.
The Extended Block can only be accessed when the device is in Extended Block mode. For
details of how the Extended Block mode is entered and exited, refer to the Program command
and Exit Extended Block command paragraphs, and to Table 15 and Table 16, Block Protection
Commands.
C.1
Factory Locked Section of the Extended Block
The first section of The Extended Block is permanently protected from program operations and
cannot be unprotected. The Random Number, Electronic Serial Number (ESN) and Security
Identification Number (see Table 41: Extended Block Address and Data) are written in this
section in the factory.
C.2
Customer Lockable Section of the Extended Block
The device is delivered with the second section of the Extended Block "Customer Lockable":
bits DQ7 and DQ6 are set to '1' and '0' respectively. It is up to the customer to program and
protect this section of the Extended Block but care must be taken because the protection is not
reversible.
There are three ways of protecting this section:
Issue the Enter Extended Block command to place the device in Extended Block mode,
then use the In-System Technique with RP either at VIH or at VID. Refer to In-System
Technique in Appendix D: High Voltage Block Protection, and to the corresponding
flowcharts Figure 25 and Figure 26 for a detailed explanation of the technique).
Issue the Enter Extended Block command to place the device in Extended Block mode,
then use the Programmer Technique. Refer to Programmer Technique in Appendix D: High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com