Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M29DW128F60NF1F Datasheet(PDF) 42 Page - STMicroelectronics

No. de pieza M29DW128F60NF1F
Descripción Electrónicos  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF1F Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M29DW128F60NF1F Datasheet HTML 38Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 39Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 40Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 41Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 42Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 43Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 44Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 45Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
6 Command Interface
M29DW128F
42/93
Table 15.
Block Protection Commands, 8-bit Mode
Table 16.
Block Protection Commands, 16-bit Mode
Command
Bus Operations(1)(2)
1.
OW Extended Block Protection Bit Address (A7-A0=’00011010’), X Don’t Care. All values in the table are in hexadecimal.
2.
Grey cells represent Read cycles. The other cells are Write cycles.
1st
2nd
3rd
4th
5th
6th
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Set Extended Block Protection Bit
6
AAA
AA
555
55
AAA
60
OW
68
OW
(3)
3.
A 100µs timeout is required between cycles 4 and 5.
48
OW
DQ0
Verify Extended Block Protection
Bit
4
AAA
AA
555
55
AAA
60
OW
DQ0
Enter Extended Block
3
AAA
AA
555
55
AAA
88
Exit Extended Block
4
AAA
AA
555
55
AAA
90
X
00
Command
Bus Operations(1)(2)(3)(4)
1st
2nd
3rd
4th
5th
6th
7th
Add
Data
Add
Data
Add Data
Add
Data
Add
Data
Add
Data
Add
Data
Set Extended
Block
Protection
Bit(5)(6)
6
555
AA
2AA
55
555
60
OW
68
OW
48
OW
DQ0
Verify Extended
Block
Protection Bit
4
555
AA
2AA
55
555
60
OW
DQ0
Enter Extended
Block
3
555
AA
2AA
55
555
88
Exit Extended
Block
4
555
AA
2AA
55
555
90
X
00
Password
Program (5)(7)(8)
4
555
AA
2AA
55
555
38
X[0-3]
PW
[0-3]
Password
Verify(8)(9)
4
555
AA
2AA
55
555
C8
PWA
[0-3]
RPW
[0-3]
Password
Protection
Unlock(7)(10)(11)
7
555
AA
2AA
55
555
28
PWA
[0]
RPW
[0]
PWA
[1]
RPW
[1]
PWA
[2]
RPW
[2]
PWA
[3]
RPW
[3]
Set Password
Protection
Mode(5)(6)
6
555
AA
2AA
55
555
60
PL
68
PL
48
PL
DQ0
Verify Password
Protection
Mode
4
555
AA
2AA
55
555
60
PL
DQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com