Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M29DW128F60NF1F Datasheet(PDF) 64 Page - STMicroelectronics

No. de pieza M29DW128F60NF1F
Descripción Electrónicos  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF1F Datasheet(HTML) 64 Page - STMicroelectronics

Back Button M29DW128F60NF1F Datasheet HTML 60Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 61Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 62Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 63Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 64Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 65Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 66Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 67Page - STMicroelectronics M29DW128F60NF1F Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
11 Package mechanical
M29DW128F
64/93
11
Package mechanical
Figure 21. TSOP56 – 56 lead Plastic Thin Small Outline, 14 x 20mm, Package Outline
1.
Drawing is not to scale.
Table 31.
TSOP56 – 56 lead Plastic Thin Small Outline, 14 x 20mm, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.100
0.050
0.150
0.0039
0.0020
0.0059
A2
1.000
0.950
1.050
0.0394
0.0374
0.0413
B
0.220
0.170
0.270
0.0087
0.0067
0.0106
C
0.100
0.210
0.0039
0.0083
CP
0.100
0.0039
D
20.000
19.800
20.200
0.7874
0.7795
0.7953
D1
18.400
18.300
18.500
0.7244
0.7205
0.7283
e
0.500
0.0197
E
14.000
13.900
14.100
0.5512
0.5472
0.5551
L
0.600
0.500
0.700
0.0236
0.0197
0.0276
alpha
305305
N56
56
TSOP-b
D1
E
1
N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com