Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6MPS5 Datasheet(PDF) 97 Page - Texas Instruments

No. de pieza 6MPS5
Descripción Electrónicos  Family of CompactRISC 16-Bit Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

6MPS5 Datasheet(HTML) 97 Page - Texas Instruments

Back Button 6MPS5 Datasheet HTML 93Page - Texas Instruments 6MPS5 Datasheet HTML 94Page - Texas Instruments 6MPS5 Datasheet HTML 95Page - Texas Instruments 6MPS5 Datasheet HTML 96Page - Texas Instruments 6MPS5 Datasheet HTML 97Page - Texas Instruments 6MPS5 Datasheet HTML 98Page - Texas Instruments 6MPS5 Datasheet HTML 99Page - Texas Instruments 6MPS5 Datasheet HTML 100Page - Texas Instruments 6MPS5 Datasheet HTML 101Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
www.national.com
96
tX2l
36
X2 low time, external clock
At 0.8V level (both edges)
0.5 Tclk - 500
tIs
42
Input setup time
ISE
Before R.E. CLK
12
tIh
42
Input hold time
ISE, NMI, RXD1, RXD2
After R.E. CLK
0
tRST
43
Reset time
Reset active to reset end
4Tclk
Input Signals
Input Pulse Width
1*Tclk+13
USART Input Signals
tIs
39
Input setup time
RXDn (asynchronous mode)
Before R.E. CLK
12
tIh
39
Input hold time
RXDn (asynchronous mode)
After R.E. CLK
0
tCLKX
40
CKXn input period
(synchronous mode)
200
tRXS
40
RDXn setup time
(synchronous mode)
Before F.E. CKX in synchronous mode
4
tRXH
40
RDXn hold time
(synchronous mode)
After F.E. CKX in synchronous mode
2
MICROWIRE / SPI Input Signals
tMSKh
42
MICROWIRE Clock High
At 2.0V (both edges)
80
tMSKl
42
MICROWIRE Clock Low
At 0.8V (both edges)
80
tMSKp
42
MICROWIRE Clock Period
MnIDL bit = 0; R.E. MSK to next R.E. MSK
200
43
MIDL bit = 1; F.E. MSK to next F.E. MSK
tMSKh
42
MSK Hold (slave only)
After MCS becomes inactive
40
tMSKs
42
MSK Setup (slave only)
Before MCS becomes active
80
tMCSh
42
MCS Hold (slave only)
MIDL bit = 0: After F.E. MSK
40
43
MIDL bit = 1: After R.E. MSK
tMCSs
42
MCS Setup (slave only)
MIDL bit = 0: Before R.E. MSK
80
43
MIDL bit = 1: Before F.E. MSK
tMDIh
42
MICROWIRE Data In Hold (master) Normal Mode: After R.E. MSK
0
44
Alternate Mode: After F.E. MSK
42
MICROWIRE Data In Hold (slave)
Normal Mode: After R.E. MSK
40
44
Alternate Mode: After F.E. MSK
tMDIs
42
MICROWIRE Data In Setup
Normal Mode: Before R.E. MSK
80
44
Alternate Mode: Before F.E. MSK
Multi-Function Timer Input Signals
tTAH
47
TnA High Time
R.E. CLK
TCLK+5
tTAL
47
TnA Low Time
R.E. CLK
TCLK+5
tTBH
47
TnB High Time
R.E. CLK
TCLK+5
tTBL
47
TnB Low Time
R.E. CLK
TCLK+5
a. Only when operating with an external square wave on X2CKI; otherwise a 32 kHz crystal network must be used
between X2CKI and X2CKO. If the slow clock is internally generated from the fast clock, it may not exceed this
given limit.
Table 24
Input Signal Requirements
Symbol Figure
Description
Reference
Min (ns)
Max (ns)
CR16MNS5, CR16MFS5, and CR16MPS5 are Obsolete Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com