Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6MPS5 Datasheet(PDF) 52 Page - Texas Instruments

No. de pieza 6MPS5
Descripción Electrónicos  Family of CompactRISC 16-Bit Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

6MPS5 Datasheet(HTML) 52 Page - Texas Instruments

Back Button 6MPS5 Datasheet HTML 48Page - Texas Instruments 6MPS5 Datasheet HTML 49Page - Texas Instruments 6MPS5 Datasheet HTML 50Page - Texas Instruments 6MPS5 Datasheet HTML 51Page - Texas Instruments 6MPS5 Datasheet HTML 52Page - Texas Instruments 6MPS5 Datasheet HTML 53Page - Texas Instruments 6MPS5 Datasheet HTML 54Page - Texas Instruments 6MPS5 Datasheet HTML 55Page - Texas Instruments 6MPS5 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 101 page
background image
51
www.national.com
Timer/Counter II (TnCNT1) counts down at the rate of the se-
lected clock. The TnB pin functions as the capture input. A
transition received on TnB transfers the timer contents to the
TnCRB register. The input pin can be configured to sense ei-
ther rising or falling edges.
The TnB input can be configured to preset the counter to
FFFF hex upon reception of a valid capture event. In this
case, the current value of the counter is transferred to the
capture register and then the counter is preset to FFFF hex.
The values captured in the TnCRB register at different times
reflect the elapsed time between transitions on the TnA pin.
The input signal on TnB must have a pulse width equal to or
greater than one system clock cycle.
There are two separate interrupts associated with the cap-
ture timer, each with its own enable bit and pending flag. The
two interrupt events are reception of a transition on TnB and
underflow of the TnCNT2 counter. The enable bits for these
events are TnBIEN and TnDIEN, respectively.
Neither Timer/Counter I (TnCNT1) nor Timer/Counter II
(TnCNT2) can be configured to operate as an external event
counter or to operate in the pulse accumulate mode because
the TnB input is used as a capture input. Attempting to select
one of these configurations will cause one or both counters
to stop. In this mode, Timer/Counter II must be enabled at all
times.
14.3
TIMER INTERRUPTS
Each Multi-Function Timer unit has four interrupt sources,
designated A, B, C, and D. Interrupt sources A, B, and C are
mapped into a single system interrupt called Timer Interrupt
I, while interrupt source D is mapped into a system interrupt
called Timer Interrupt II. Each of the four interrupt sources
has its own enable bit and pending flag. The enable flags are
named TnAIEN, TnBIEN, TnCIEN, and TnDIEN. The pend-
ing flags are named TnAPND, TnBPND, TnCPND, and TnD-
PND.
For Multi-Function Timer unit MFT1, Timer Interrupts I and II
are system interrupts T1A and T1B (IRQ13 and IRQ12), re-
spectively. For Multi-Function Timer unit MFT2, Timer Inter-
rupts I and II are system interrupts T2A and T2B (IRQ11 and
IRQ10), respectively.
Table15 shows the events that trigger interrupts A, B, C, and
D in each of the four operating modes. Note that some inter-
rupt sources are not used in some operating modes, as indi-
cated by the notation “N/A” (Not Applicable) in the table.
14.4
TIMER I/O FUNCTIONS
Each Multi-Function Timer unit uses two I/O pins, called T1A
and T1B (for Timer MFT1) or T2A and T2B (for Timer MFT2).
The function of each pin depends on the timer operating
mode and the TnAEN and TnBEN enable bits. Table16
shows the functions of the pins in each operating mode, and
for each combination of enable bit settings.
When pin TnA is configured to operate as a PWM output
(TnAEN = 1), the state of the pin is toggled on each under-
Figure 16.
Mode 4: Input Capture Plus Timer Block Diagram
Reload A
Timer/Counter I
Capture B
Timer I
Clock
TnA
TnAIEN
TnAPND
TnCNT1
TnCRA
TnCRB
Timer
Interrupt I
TnATEN
Timer/Counter II
TnCNT2
Timer II
Clock
Underflow
TnDIEN
TnDPND
Timer
Interrupt II
TnBIEN
TnBPND
Timer
Interrupt I
TnB
TnBEN
Preset
CR16MNS5, CR16MFS5, and CR16MPS5 are Obsolete Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com