Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6MPS5 Datasheet(PDF) 76 Page - Texas Instruments

No. de pieza 6MPS5
Descripción Electrónicos  Family of CompactRISC 16-Bit Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

6MPS5 Datasheet(HTML) 76 Page - Texas Instruments

Back Button 6MPS5 Datasheet HTML 72Page - Texas Instruments 6MPS5 Datasheet HTML 73Page - Texas Instruments 6MPS5 Datasheet HTML 74Page - Texas Instruments 6MPS5 Datasheet HTML 75Page - Texas Instruments 6MPS5 Datasheet HTML 76Page - Texas Instruments 6MPS5 Datasheet HTML 77Page - Texas Instruments 6MPS5 Datasheet HTML 78Page - Texas Instruments 6MPS5 Datasheet HTML 79Page - Texas Instruments 6MPS5 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
75
www.national.com
19.0 Memory Map
Please refer to individual datasheets for its own set of mem-
ory maps. The CompactRISC architecture supports a uni-
form linear address space of 2 megabytes. The device
implementation of this architecture uses only the lowest 64
kbytes of address space, ranging from 0000 to FFFF hex.
Table20 is a memory map showing the types of memory and
peripherals that occupy this memory space. Address ranges
not listed in the table are reserved and should not be read or
written.
Table21 is a detailed memory map showing the specific
memory address of the memory, I/O ports, and registers. The
table shows the starting address, the size, and a brief de-
scription of each memory block and register. For detailed in-
formation on using these memory locations, see the
applicable sections in the data sheet.
All addresses not listed in the table are reserved and should
not be read or written. An attempt to access an unlisted ad-
dress will have unpredictable results.
Each byte-wide register occupies a single address and can
be accessed only in a byte-wide transaction. Each word-wide
register occupies two consecutive memory addresses and
can be accessed only in a word-wide transaction. Both the
byte-wide and word-wide registers reside at word boundaries
(even address). Thus, each byte-wide register uses only the
lowest eight bits of the internal data bus.
Most device registers are read/write registers. However,
some registers are read-only or write-only, as indicated in the
table. An attempt to read a write-only register or to write a
read-only register will have unpredictable results.
When the software writes to a register in which one or more
bits are reserved, it must write a zero to each reserved bit un-
less indicated otherwise in the description of the register.
Reading a reserved bit returns an undefined value.
Table 20
Device Memory Map
Address
Range (hex)
Description
0000-BFFF
Flash Program Memory (48 kbytes)
DA00-DFF7
ISP Memory (1.5 kbytes)
DFF8-DFFF
Program ROM control/status
E000-E7FF
Static RAM (2 kbytes)
F000-F27F
EEPROM Data Memory (640 bytes)
F900-F930
Device configuration registers
FB00-FB06
Port B registers
FB10-FB16
Port C registers
FC40-FC88
Clock, Power Management, and Wake-up
registers
FCA0-FCA8
Port G registers
FD20-FD28
Port F registers
FE00-FE0C
Interrupt registers
FE40-FE4E
USART 1 registers
FE60-FE68
MICROWIRE registers
FE80-FE8E
USART 2 registers
FEE0-FEE8
Port I registers
FF00-FF08
Port L registers
FF20-FF2A
Timer and WATCHDOG registers
FF40-FF50
MFT1 Timer registers
FF60-FF70
MFT2 Timer registers
FFC0-FFD0
A/D Converter registers
a
FFE0-FFE0
Analog Comparator register
a
a. 44 pin devices may not include this module
CR16MNS5, CR16MFS5, and CR16MPS5 are Obsolete Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com