Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6MPS5 Datasheet(PDF) 49 Page - Texas Instruments

No. de pieza 6MPS5
Descripción Electrónicos  Family of CompactRISC 16-Bit Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

6MPS5 Datasheet(HTML) 49 Page - Texas Instruments

Back Button 6MPS5 Datasheet HTML 45Page - Texas Instruments 6MPS5 Datasheet HTML 46Page - Texas Instruments 6MPS5 Datasheet HTML 47Page - Texas Instruments 6MPS5 Datasheet HTML 48Page - Texas Instruments 6MPS5 Datasheet HTML 49Page - Texas Instruments 6MPS5 Datasheet HTML 50Page - Texas Instruments 6MPS5 Datasheet HTML 51Page - Texas Instruments 6MPS5 Datasheet HTML 52Page - Texas Instruments 6MPS5 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
www.national.com
48
Some Power Save modes stops the system clock (the high-
frequency and/or low-frequency clock) completely. If the sys-
tem clock is stopped, the timer stops counting until the sys-
tem clock resumes operation.
In the Idle or Halt mode, the system clock stops completely,
which stops the operation of the timers. In that case, the tim-
ers stop counting until the system clock resumes operation.
14.2
TIMER OPERATING MODES
Each timer/counter unit can be configured to operate in any
of the following modes:
Processor-Independent Pulse Width Modulation (PWM)
mode
Dual Input Capture mode
Dual Independent Timer mode
Single Input Capture and Single Timer mode
Upon reset, the timers are disabled. To configure and start
the timers, the software must write a set of values to the reg-
isters that control the timers. The registers are described in
Section14.5.
14.2.1
Mode 1: Processor-Independent PWM
Mode 1 is the Processor-Independent Pulse Width Modula-
tion (PWM) mode, which generates pulses of a specified
width and duty cycle, and which also provides a separate
general-purpose timer/counter.
Figure13 is a block diagram of the Multi-Function Timer con-
figured to operate in Mode 1. Timer/Counter I (TnCNT1)
functions as the time base for the PWM timer. It counts down
at the clock rate selected for the counter. When an underflow
occurs, the timer register is reloaded alternately from the
TnCRA and TnCRB register, and counting proceeds down-
ward from the loaded value.
On the first underflow, the timer is loaded from TnCRA, then
from TnCRB on the next underflow, then from TnCRA again
on the next underflow, and so on. Every time the counter is
stopped and restarted, it always obtains its first reload value
from TnCRA. This is true whether the timer is restarted upon
reset, after entering Mode 1 from another mode, or after stop-
ping and restarting the clock with the Timer/Counter I clock
selector.
The timer can be configured to toggle the TnA output bit upon
each underflow. This generates a clock signal on TnA with
the width and duty cycle determined by the values stored in
the TnCRA and TnCRB registers. This is a “processor-inde-
pendent” PWM clock because once the timer is set up, no
more action is required from the CPU to generate a continu-
ous PWM signal.
The timer can be configured to generate separate interrupts
upon reload from TnCRA and TnCRB. The interrupts can be
enabled or disabled under software control. The CPU can de-
termine the cause of each interrupt by looking at the TnAPND
and TnBPND flags, which are set by the hardware upon each
occurrence of a timer reload.
In Mode 1, Timer/Counter II (TnCNT2) can be used either as
a simple system timer, an external event counter, or a pulse
accumulate counter. The clock counts down using the clock
selected with the Timer/Counter II clock selector. It generates
an interrupt upon each underflow if the interrupt is enabled
with the TnDIEN bit.
Figure 13.
Mode 1: Processor-Independent PWM Block Diagram
Reload A = Time 1
Timer/Counter I
Reload B = Time 2
Timer I
Clock
Underflow
TnA
TnAIEN
TnAPND
TnCNT1
TnCRA
TnCRB
TnBIEN
TnBPND
Timer
Interrupt A
Timer
Interrupt B
TnAEN
Timer/Counter II
TnCNT2
Timer II
Clock
TnDIEN
TnDPND
Timer
Interrupt D
TnB
Clock
Selector
Underflow
CR16MNS5, CR16MFS5, and CR16MPS5 are Obsolete Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com