Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6MPS5 Datasheet(PDF) 65 Page - Texas Instruments

No. de pieza 6MPS5
Descripción Electrónicos  Family of CompactRISC 16-Bit Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

6MPS5 Datasheet(HTML) 65 Page - Texas Instruments

Back Button 6MPS5 Datasheet HTML 61Page - Texas Instruments 6MPS5 Datasheet HTML 62Page - Texas Instruments 6MPS5 Datasheet HTML 63Page - Texas Instruments 6MPS5 Datasheet HTML 64Page - Texas Instruments 6MPS5 Datasheet HTML 65Page - Texas Instruments 6MPS5 Datasheet HTML 66Page - Texas Instruments 6MPS5 Datasheet HTML 67Page - Texas Instruments 6MPS5 Datasheet HTML 68Page - Texas Instruments 6MPS5 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
www.national.com
64
register and the Transmit Buffer Empty flag (UnTBE) is set.
The UnTBE flag is automatically reset by the USART when
the software loads a new character into the UnTBUF register.
During transmission, the UnXMIP bit is set high by the
USART. This bit is reset only after the USART has sent the
last frame bit of the current character and the UnTBUF regis-
ter is empty.
The receive shift register (RSFT) and the receive buffer
(UnRBUF) double-buffer the data being received. Serial data
received on the RDXn pin is shifted into the RSFT register at
the first falling edge of the clock. Each subsequent falling
edge of the clock causes an additional bit to be shifted into
the RSFT register. The USART assumes a complete charac-
ter has been received after the correct number of rising edg-
es on CKXn (based on the selected frame format) have been
detected. Upon receiving a complete character, the contents
of the RSFT register are copied into the UnRBUF register
and the Receive Buffer Full flag (UnRBF) is set. The UnRBF
flag is automatically reset when the software reads the char-
acter from the UnRBUF register.
The transmitter and receiver may be clocked from either an
external source provided to the CKXn pin or by the internal
baud rate generator. In the latter case, the clock signal is
placed on the CKXn pin as an output.
16.2.3
Attention Mode
The Attention mode is available for networking this device
with other processors. This mode requires the 9-bit data for-
mat with no parity. The number of start bits and number of
stop bits are programmable. In this mode, two types of 9-bit
characters are sent on the network: address characters con-
sisting of 8 address bits and a 1 in the ninth bit position and
data characters consisting of 8 data bits and a 0 in the ninth
bit position.
While in Attention mode, the USART receiver monitors the
communication flow but ignores all characters until an ad-
dress character is received. Upon the receipt of an address
character, the contents of the receive shift register are copied
to the receive buffer. The UnRBF flag is set and an interrupt
(if enabled) is generated. The UnATN bit is automatically re-
set to zero, and the USART begins receiving all subsequent
characters. The software must examine the contents of the
UnRBUF register and respond by accepting the subsequent
characters (by leaving the UnATN bit reset) or waiting for the
next address character (by setting the UnATN bit again).
The operation of the USART transmitter is not affected by the
selection of this mode. The value of the ninth bit to be trans-
mitted is programmed by setting or clearing a bit called
UnXB9 in the USART Frame Select Register. The value of
the ninth bit received is read from another register bit called
UnRB9 in the USART Status Register.
16.2.4
Diagnostic Mode
The Diagnostic mode is available for testing of the USART. In
this mode, the TDXn and RDXn pins are internally connected
together, and data that is shifted out of the transmit shift reg-
ister is immediately transferred to the receive shift register.
This mode supports only the 9-bit data format with no parity.
The number of start and stop bits is programmable.
16.2.5
Frame Format Selection
The format shown in Figure29 consists of a start bit, seven
data bits (excluding parity), and one or two stop bits. If parity
bit generation is enabled by setting the UnPEN bit, a parity
bit is generated and transmitted following the seven data bits.
The format shown in Figure30 consists of one start bit, eight
data bits (excluding parity), and one or two stop bits. If parity
bit generation is enabled by setting the UnPEN bit, a parity
bit is generated and transmitted following the eight data bits.
The format shown in Figure31 consists of one start bit, nine
data bits, and one or two stop bits. This format also supports
the USART attention feature. When operating in this format,
all eight bits of UnTBUF and UnRBUF are used for data. The
ninth data bit is transmitted and received using two bits in the
control registers, called UnXB9 and UnRB9. Parity is not
generated or verified in this mode.
16.2.6
Baud Rate Generator
The Baud Rate Generator creates the basic baud clock from
the system clock. The system clock is passed through a two-
Figure 28.
USART Synchronous Communication
CKX
TDX
RDX
Sample Input
Figure 29.
Seven Data Bit Frame Options
Figure 30.
Eight Data Bit Frame Options
1
START
BIT
7 BIT DATA
S
1a
START
BIT
7 BIT DATA
2S
1c
START
BIT
7 BIT DATA
2S
PA
1b
START
BIT
7 BIT DATA
S
PA
2
START
BIT
8 BIT DATA
S
2a
START
BIT
8 BIT DATA
2S
2b
START
BIT
8 BIT DATA
S
PA
2c
START
BIT
8 BIT DATA
2S
PA
CR16MNS5, CR16MFS5, and CR16MPS5 are Obsolete Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com