Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6MPS5 Datasheet(PDF) 38 Page - Texas Instruments

No. de pieza 6MPS5
Descripción Electrónicos  Family of CompactRISC 16-Bit Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

6MPS5 Datasheet(HTML) 38 Page - Texas Instruments

Back Button 6MPS5 Datasheet HTML 34Page - Texas Instruments 6MPS5 Datasheet HTML 35Page - Texas Instruments 6MPS5 Datasheet HTML 36Page - Texas Instruments 6MPS5 Datasheet HTML 37Page - Texas Instruments 6MPS5 Datasheet HTML 38Page - Texas Instruments 6MPS5 Datasheet HTML 39Page - Texas Instruments 6MPS5 Datasheet HTML 40Page - Texas Instruments 6MPS5 Datasheet HTML 41Page - Texas Instruments 6MPS5 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 101 page
background image
37
www.national.com
11.0
Dual Clock and Reset
The Dual Clock and Reset module (CLK2RES) generates a
high-speed main system clock from an external crystal net-
work and a slow clock (32.768 kHz or other rate) for operat-
ing the device in Power Save mode. It also provides the main
system reset signal and a power-on reset function.
Figure6 is block diagram of the Dual Clock and Reset mod-
ule.
11.1
EXTERNAL CRYSTAL NETWORK
An external crystal network is required at pins X1CKI and
X1CKO for the main clock. A similar external crystal network
may be used at pins X2CKI and X2CKO for the slow clock in
packages that have these pins. If an external crystal network
is not used for the slow clock, the clock is generated by divid-
ing the fast main clock.
Figure7 shows the required crystal network at X1CKI/
X1CKO and optional crystal network at X2CKI/X2CKO.
Table13 shows the component specifications for the main
crystal network and Table14 shows the component specifi-
cations for the 32.768 kHz crystal network.
Figure 6.
Dual Clock and Reset Module Block Diagram
14-Bit Timer
6-Bit Timer
Start-Up-Delay
Start-Up-Delay
Preset
Preset
Power-On-Reset
System
Reset
Stop
Main Osc In
RESET
X1CKI
X1CKO
X2CKI
X2CKO
Main Osc.
32kHz Osc.
Stop Main Osc.
Stop 32kHz Osc.
Main Clk
Good Main
Clk
Low Speed
Clk
Good Low
Speed Clk
Stop Low
Speed Clk
Time-out
Time-out
8-Bit
Prescaler
Div.
by-2
Figure 7.
External Crystal Network
X1CKI / X2CKI
X1CKO / X2CKO
R1
R2
XTAL
C2
C1
CR16MNS5, CR16MFS5, and CR16MPS5 are Obsolete Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com