Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2421 Datasheet(PDF) 5 Page - Linear Technology

No. de pieza LTC2421
Descripción Electrónicos  1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2421 Datasheet(HTML) 5 Page - Linear Technology

  LTC2421_15 Datasheet HTML 1Page - Linear Technology LTC2421_15 Datasheet HTML 2Page - Linear Technology LTC2421_15 Datasheet HTML 3Page - Linear Technology LTC2421_15 Datasheet HTML 4Page - Linear Technology LTC2421_15 Datasheet HTML 5Page - Linear Technology LTC2421_15 Datasheet HTML 6Page - Linear Technology LTC2421_15 Datasheet HTML 7Page - Linear Technology LTC2421_15 Datasheet HTML 8Page - Linear Technology LTC2421_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LTC2421/LTC2422
24212f
TYPICAL PERFOR A CE CHARACTERISTICS
Total Unadjusted Error (3V Supply)
INL (3V Supply)
Negative Extended Input Range
Total Unadjusted Error (3V Supply)
Positive Extended Input Range
Total Unadjusted Error (3V Supply)
Total Unadjusted Error (5V Supply)
INL (5V Supply)
Negative Extended Input Range
Total Unadjusted Error (5V Supply)
Offset Error vs Reference Voltage
Positive Extended Input Range
Total Unadjusted Error (5V Supply)
INPUT VOLTAGE (V)
0
2
6
10
2.0
24212 G01
–2
–6
0
4
8
–4
–8
–10
0.5
1.0
1.5
2.5
VCC = 3V
VREF = 2.5V
TA = –55°C, –45°C, 25°C, 90°C
INPUT VOLTAGE (V)
0
2
6
10
2.0
24212 G02
–2
–6
0
4
8
–4
–8
–10
0.5
1.0
1.5
2.5
VCC = 3V
VREF = 2.5V
TA = –55°C, –45°C, 25°C, 90°C
INPUT VOLTAGE (V)
0
–10
–6
–2
2
–0.05 –0.10 –0.15 –0.20
24212 G03
–0.25
10
–0.30
6
–8
–4
0
8
4
VCC = 3V
VREF = 2.5V
TA = 90°C
TA = 25°C
TA = –45°C
TA = –55°C
INPUT VOLTAGE (V)
2.50
–10
–6
–2
2
2.55
2.60
2.65
2.70
24212 G04
2.75
10
2.80
6
–8
–4
0
8
4
VCC = 3V
VREF = 2.5V
TA = –55°C, –45°C, 25°C, 90°C
INPUT VOLTAGE (V)
0
2
6
10
4
24212 G05
–2
–6
0
4
8
–4
–8
–10
1
2
3
5
VCC = 5V
VREF = 5V
TA = –55°C, –45°C, 25°C, 90°C
INPUT VOLTAGE (V)
0
2
6
10
4
24212 G06
–2
–6
0
4
8
–4
–8
–10
1
2
3
5
VCC = 5V
VREF = 5V
TA = –55°C, –45°C, 25°C, 90°C
INPUT VOLTAGE (V)
0
–10
–6
–2
2
–0.05 –0.10 –0.15 –0.20
24212 G07
–0.25
10
–0.30
6
–8
–4
0
8
4
VCC = 5V
VREF = 5V
TA = 90°C
TA = 25°C
TA = –55°C
TA = –45°C
INPUT VOLTAGE (V)
5.00
–10
–6
–2
2
5.05
5.10
5.15
5.20
24212 G08
5.25
10
5.30
6
–8
–4
0
8
4
VCC = 5V
VREF = 5V
TA = –45°C
TA = –55°C
TA = 25°C
TA = 90°C
REFERENCE VOLTAGE (V)
0
90
120
150
4
24212 G09
60
30
0
1
2
3
5
VCC = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com