Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC2421 Datasheet(PDF) 11 Page - Linear Technology

No. de pieza LTC2421
Descripción Electrónicos  1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC2421 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2421_15 Datasheet HTML 7Page - Linear Technology LTC2421_15 Datasheet HTML 8Page - Linear Technology LTC2421_15 Datasheet HTML 9Page - Linear Technology LTC2421_15 Datasheet HTML 10Page - Linear Technology LTC2421_15 Datasheet HTML 11Page - Linear Technology LTC2421_15 Datasheet HTML 12Page - Linear Technology LTC2421_15 Datasheet HTML 13Page - Linear Technology LTC2421_15 Datasheet HTML 14Page - Linear Technology LTC2421_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
LTC2421/LTC2422
24212f
Conversion Clock
A major advantage delta-sigma converters offer over con-
ventional type converters is an on-chip digital filter (com-
monly known as Sinc or Comb filter). For high resolution,
low frequency applications, this filter is typically designed
to reject line frequencies of 50Hz or 60Hz plus their har-
monics. In order to reject these frequencies in excess of
110dB, a highly accurate conversion clock is required. The
LTC2421/LTC2422 incorporate an on-chip highly accu-
rate oscillator. This eliminates the need for external fre-
quency setting components such as crystals or oscilla-
tors. Clocked by the on-chip oscillator, the LTC2421/
LTC2422 reject line frequencies (50Hz or 60Hz
±2%) a
minimum of 110dB.
Ease of Use
The LTC2421/LTC2422 data output has no latency, filter
settling or redundant data associated with the conver-
sion cycle. There is a one-to-one correspondence be-
tween the conversion and the output data. Therefore,
multiplexing an analog input voltage is easy.
The LTC2421/LTC2422 perform offset and full-scale cali-
brations every conversion cycle. This calibration is trans-
parent to the user and has no effect on the cyclic operation
described above. The advantage of continuous calibration
is extreme stability of offset and full-scale readings with
respect to time, supply voltage change and temperature
drift.
Power-Up Sequence
The LTC2421/LTC2422 automatically enter an internal reset
state when the power supply voltage VCC drops below
approximately 2.2V. This feature guarantees the integrity
of the conversion result and of the serial interface mode
selection which is performed at the initial power-up. (See
the 2-wire I/O sections in the Serial Interface Timing Modes
section.)
When the VCC voltage rises above this critical threshold,
the converter creates an internal power-on-reset (POR)
signal with duration of approximately 0.5ms. The POR
signal clears all internal registers. Following the POR sig-
nal, the LTC2421/LTC2422 start a normal conversion cycle
and follows the normal succession of states described
APPLICATIO S I FOR ATIO
above. The first conversion result following POR is accu-
rate within the specifications of the device.
Reference Voltage Range
The LTC2421/LTC2422 can accept a reference voltage(VREF
= FSSET – ZSSET) from 0V to VCC. The converter output
noise is determined by the thermal noise of the front-end
circuits, and as such, its value in microvolts is nearly con-
stant with reference voltage. A decrease in reference volt-
age will not significantly improve the converter’s effective
resolution. On the other hand, a reduced reference voltage
will improve the overall converter INL performance. The
recommended range for the LTC2421/LTC2422 voltage
reference is 100mV to VCC.
Input Voltage Range
The converter is able to accommodate system level offset
and gain errors as well as system level overrange situa-
tions due to its extended input range, see Figure 3. The
LTC2421/LTC2422 convert input signals within the ex-
tended input range of – 0.125 • VREF to 1.125 • VREF
(VREF = FSSET – ZSSET).
For large values of VREF (VREF = FSSET – ZSSET), this range
is limited by the absolute maximum voltage range of
– 0.3V to (VCC + 0.3V). Beyond this range, the input ESD
protection devices begin to turn on and the errors due to
the input leakage current increase rapidly.
Input signals applied to VIN may extend below ground by
– 300mV and above VCC by 300mV. In order to limit any
Figure 3. LTC2421/LTC2422 Input Range
24212 F03
VCC + 0.3V
FSSET + 0.12VREF
FSSET
–0.3V
(VREF = FSSET – ZSSET)
ZSSET – 0.12VREF
ZSSET
NORMAL
INPUT
RANGE
EXTENDED
INPUT
RANGE
ABSOLUTE
MAXIMUM
INPUT
RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com