Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313A Datasheet(PDF) 32 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313A
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313A Datasheet(HTML) 32 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313A Datasheet HTML 25Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 26Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 27Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 28Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 29Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 30Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 31Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
32
10
回流焊曲线
本文推荐的回流焊曲线是一种无铅回流焊曲线,适用于无铅焊膏的纯无铅技术。
图 10-1AXP313A典型回流焊曲线
AXP313A
的回流焊曲线条件如表10-1所示。
表 10-1AXP313A回流焊曲线条件
QTI typical SMT reflow profile conditions (for reference only)
Step
Reflow condition
Environment
N2 purge reflow usage (yes/no)
Yes, N2 purge used
If yes, O2 ppm level
O2 < 1500 ppm
A
Preheat ramp up temperature range
25
℃ ->150℃
B
Preheat ramp up rate
1.5~2.5
℃/sec
C
Soak temperature range
150
℃ ->190℃
D
Soak time
80~110 sec
E
Liquidus temperature
217
F
Time above liquidus
60-90 sec
G
Peak temperature
240-250
H
Cool down temperature rate
≤4℃/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com