Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AXP313A Datasheet(PDF) 16 Page - Shenzhen X-Powers Technology Co ., Ltd

No. de pieza AXP313A
Descripción Electrónicos  PMIC For Multi-Core High-PerformanceSystem
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Página de inicio  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP313A Datasheet(HTML) 16 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP313A Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 17Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 18Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 19Page - Shenzhen X-Powers Technology Co ., Ltd AXP313A Datasheet HTML 20Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AXP313A
版权所有©深圳芯智汇科技有限公司。保留一切权利
16
关机PowerOff
1
当EN/PWRON作为PWRON使用时,关机源包括:
(1)
按键关机。POK按键拉低时间超过OFFLEVEL。由REG1BH[1]决定该关机功能是否打开,由REG1BH[0]
决定通过该功能关机后是否重启。
(2)
软件关机。向REG1AH[7]写“1”。
(3) VIN
从高电平变为低电平,即VIN<VOFF(默认2.6V)。
(4) VIN>5.8V
。
(5) DCDC
输出电压低于设定电压的85%。由REG1DH[3:1]决定该关机功能是否打开。
(6) DCDC
输出电压高于设定电压的120%。由REG1DH[0]决定该关机功能是否打开。
(7) DLDO1
发生过流。由REG1DH[4]决定该关机功能是否打开。
(8)
芯片内部过温,超过warninglevel(默认125℃)。由REG1AH[1]决定该关机功能是否打开。
2
当EN/PWRON作为EN使用时,关机源包括:
(1) EN pin
电压从高电平变为低电平(<0.5V)。
(2)
与作为PWRONpin使用的关机源3~关机源8一致。
图 6-3 按键关机时序



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com